Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261
Description  LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8261 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 11Page - Texas Instruments LM8261 Datasheet HTML 12Page - Texas Instruments LM8261 Datasheet HTML 13Page - Texas Instruments LM8261 Datasheet HTML 14Page - Texas Instruments LM8261 Datasheet HTML 15Page - Texas Instruments LM8261 Datasheet HTML 16Page - Texas Instruments LM8261 Datasheet HTML 17Page - Texas Instruments LM8261 Datasheet HTML 18Page - Texas Instruments LM8261 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
LM8261
www.ti.com
SNOS469I – APRIL 2000 – REVISED MARCH 2013
APPLICATION HINTS
BLOCK DIAGRAM AND OPERATIONAL DESCRIPTION
A) Input Stage
Figure 51. Simplified Schematic Diagram
As can be seen from the simplified schematic in Figure 51, the input stage consists of two distinct differential
pairs (Q1-Q2 and Q3-Q4) in order to accommodate the full Rail-to-Rail input common mode voltage range. The
voltage drop across R5, R6, R7, and R8 is kept to less than 200mV in order to allow the input to exceed the
supply rails. Q13 acts as a switch to steer current away from Q3-Q4 and into Q1-Q2, as the input increases
beyond 1.4V of V+. This in turn shifts the signal path from the bottom stage differential pair to the top one and
causes a subsequent increase in the supply current.
In transitioning from one stage to another, certain input stage parameters (VOS, Ib, IOS, en, and in) are determined
based on which differential pair is "on" at the time. Input Bias current, IB, will change in value and polarity as the
input crosses the transition region. In addition, parameters such as PSRR and CMRR which involve the input
offset voltage will also be effected by changes in VCM across the differential pair transition region.
The input stage is protected with the combination of R9-R10 and D1, D2, D3, and D4 against differential input
over-voltages. This fault condition could otherwise harm the differential pairs or cause offset voltage shift in case
of prolonged over voltage. As shown in Figure 52, if this voltage reaches approximately ±1.4V at 25°C, the
diodes turn on and current flow is limited by the internal series resistors (R9 and R10). The Absolute Maximum
Rating of ±10V differential on VIN still needs to be observed. With temperature variation, the point were the
diodes turn on will change at the rate of 5mV/°C.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM8261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com