Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261
Description  LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8261 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 16Page - Texas Instruments LM8261 Datasheet HTML 17Page - Texas Instruments LM8261 Datasheet HTML 18Page - Texas Instruments LM8261 Datasheet HTML 19Page - Texas Instruments LM8261 Datasheet HTML 20Page - Texas Instruments LM8261 Datasheet HTML 21Page - Texas Instruments LM8261 Datasheet HTML 22Page - Texas Instruments LM8261 Datasheet HTML 23Page - Texas Instruments LM8261 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LM8261
SNOS469I – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Figure 59. VCOM driver performance scope photo
OUTPUT SHORT CIRCUIT CURRENT AND DISSIPATION ISSUES
The LM8261 output stage is designed for maximum output current capability. Even though momentary output
shorts to ground and either supply can be tolerated at all operating voltages, longer lasting short conditions can
cause the junction temperature to rise beyond the absolute maximum rating of the device, especially at higher
supply voltage conditions. Below supply voltage of 6V, output short circuit condition can be tolerated indefinitely.
With the Op Amp tied to a load, the device power dissipation consists of the quiescent power due to the supply
current flow into the device, in addition to power dissipation due to the load current. The load portion of the
power itself could include an average value (due to a DC load current) and an AC component. DC load current
would flow if there is an output voltage offset, or the output AC average current is non-zero, or if the Op Amp
operates in a single supply application where the output is maintained somewhere in the range of linear
operation. Therefore:
PTOTAL = PQ + PDC + PAC
PQ = IS · VS
Op Amp Quiescent Power Dissipation
PDC = IO · (VR - VO)
DC Load Power
PAC = See Table 1 below
AC Load Power
where:
IS: Supply Current
VS: Total Supply Voltage (V
+ - V−)
IO: Average load current
VO: Average Output Voltage
VR: V
+ for sourcing and V− for sinking current
Table 1 below shows the maximum AC component of the load power dissipated by the Op Amp for standard
Sinusoidal, Triangular, and Square Waveforms:
Table 1. Normalized AC Power Dissipated in the Output Stage for Standard Waveforms
PAC (W.Ω/V
2)
Sinusoidal
Triangular
Square
50.7 x 10−3
46.9 x 10−3
62.5 x 10−3
20
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM8261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com