Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261
Description  LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8261 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 15Page - Texas Instruments LM8261 Datasheet HTML 16Page - Texas Instruments LM8261 Datasheet HTML 17Page - Texas Instruments LM8261 Datasheet HTML 18Page - Texas Instruments LM8261 Datasheet HTML 19Page - Texas Instruments LM8261 Datasheet HTML 20Page - Texas Instruments LM8261 Datasheet HTML 21Page - Texas Instruments LM8261 Datasheet HTML 22Page - Texas Instruments LM8261 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
LM8261
www.ti.com
SNOS469I – APRIL 2000 – REVISED MARCH 2013
Figure 57. Output Sinking Characteristics with Load Lines
TFT APPLICATIONS
Figure 58 below, shows a typical application where the LM8261 is used as a buffer amplifier for the VCOM signal
employed in a TFT LCD flat panel:
Figure 58. VCOM Driver Application Schematic
Figure 59 shows the time domain response of the amplifier when used as a VCOM buffer/driver with VREF at
ground. In this application, the Op Amp loop will try and maintain its output voltage based on the voltage on its
non-inverting input (VREF) despite the current injected into the TFT simulated load. As long as this load current is
within the range tolerable by the LM8261 (45mA sourcing and 65mA sinking for ±5V supplies), the output will
settle to its final value within less than 2µs.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM8261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com