Electronic Components Datasheet Search
  English  ▼

X  

DSP56374 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56374
Description  The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56374 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
22
4.9
Dedicated GPIO-Port G
Table 12. Dedicated GPIO-Port G Signals
Signal
Name
Type
State During
Reset
Signal Description
PG0
Input,
output, or
disconnected
GPIO
disconnected
Port G0—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG1
Input,
output, or
disconnected
GPIO
disconnected
Port G1—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG2
Input,
output, or
disconnected
GPIO
disconnected
Port G2—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG3
Input,
output, or
disconnected
GPIO
disconnected
Port G3—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG4
Input,
output, or
disconnected
GPIO
disconnected
Port G4—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG5
Input,
output, or
disconnected
GPIO
disconnected
Port G5—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG6
Input,
output, or
disconnected
GPIO
disconnected
Port G6—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG7
Input,
output, or
disconnected
GPIO
disconnected
Port G7—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
PG8
Input,
output, or
disconnected
GPIO
disconnected
Port G8—This signal is individually programmable as input,
output, or internally disconnected.
Internal Pull down resistor.
This input is 5 V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com