Electronic Components Datasheet Search
  English  ▼

X  

DSP56374 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # DSP56374
Description  The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button DSP56374 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
JTAG Timing
Freescale Semiconductor
52
Figure 19. Debugger Port Timing Diagram
Figure 20. Test Access Port Timing Diagram
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
Data
Outputs
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
113
112
114
115
114
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
TDO
(Output)
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
TMS
116
117
118
119
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com