Electronic Components Datasheet Search
  English  ▼

X  

DSP56374 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56374
Description  The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56374 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
9
4.6
Serial Host Interface
The SHI has five I/O signals that can be configured to allow the SHI to operate in either SPI or I2C mode.
PH2
Input, output,
or
disconnected
Port H2—When the MODC/IRQC is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
MODD/IRQD
Input
MODD
Input
Mode Select D/External Interrupt Request D—MODD/IRQD is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODD/IRQD selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during
normal instruction processing. This pin can also be programmed as
GPIO. MODA, MODB, MODC, and MODD select one of 16 initial chip
operating modes, latched into OMR when the RESET signal is
de-asserted.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
PH3
Input, output,
or
disconnected
Port H3—When the MODD/IRQD is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
RESET
Input
Input
Reset—RESET is an active-low, Schmitt-trigger input. When asserted,
the chip is placed in the Reset state and the internal phase generator is
reset. The Schmitt-trigger input allows a slowly rising input (such as a
capacitor charging) to reset the chip reliably. When the RESET signal is
de-asserted, the initial chip operating mode is latched from the MODA,
MODB, MODC, and MODD inputs. The RESET signal must be asserted
during power up. A stable EXTAL signal must be supplied while RESET
is being asserted.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
Table 8. Interrupt and Mode Control (continued)
Signal Name
Type
State
during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com