Electronic Components Datasheet Search
  English  ▼

X  

DSP56374 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56374
Description  The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56374 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Reset, Stop, Mode Select, and Interrupt Timing
Freescale Semiconductor
32
12
Reset, Stop, Mode Select, and Interrupt Timing
Table 20. Reset, Stop, Mode Select, and Interrupt Timing
No.
Characteristics
Expression
Min
Max
Unit
10
Delay from RESET assertion to all pins at reset
value3
—
—
11
ns
11
Required RESET duration4
• Power on, external clock generator, PLL disabled
• Power on, external clock generator, PLL enabled
2 xTC
13.4
—
ns
2 x TC
13.4
—
ns
13
Syn reset deassert delay time
•Minimum
2
× TC
13.4
—
ns
• Maximum (PLL enabled)
(2xTC)+TLOCK
5.0
—
ms
14
Mode select setup time
10.0
—
ns
15
Mode select hold time
10.0
—
ns
16
Minimum edge-triggered interrupt request assertion
width
2 xTC
13.4
—
ns
17
Minimum edge-triggered interrupt request
deassertion width
2 xTC
13.4
—
ns
18
Delay from interrupt trigger to interrupt code
execution
10 × TC + 5
72
—
ns
19
Duration of level sensitive IRQA assertion to ensure
interrupt service (when exiting Stop)1, 2, 3
• PLL is active during Stop and Stop delay is
enabled
(OMR Bit 6 = 0)
9+(128× TC)
854
—
µs
• PLL is active during Stop and Stop delay is not
enabled
(OMR Bit 6 = 1)
25
× TC
165
—
ns
• PLL is not active during Stop and Stop delay is
enabled (OMR Bit 6 = 0)
9+(128xTC) + TLOCK
5.7
ms
• PLL is not active during Stop and Stop delay is
not enabled (OMR Bit 6 = 1)
(25 x TC) + TLOCK
5ms
20
• Delay from IRQA, IRQB, IRQC, IRQD, NMI
assertion to general-purpose transfer output
valid caused by first interrupt instruction
execution1
10 x TC + 3.0
69.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com