Electronic Components Datasheet Search
  English  ▼

X  

IXP2400 Datasheet(PDF) 33 Page - Intel Corporation

Part # IXP2400
Description  Intel짰 IXP2400 Network Processor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP2400 Datasheet(HTML) 33 Page - Intel Corporation

Back Button IXP2400 Datasheet HTML 29Page - Intel Corporation IXP2400 Datasheet HTML 30Page - Intel Corporation IXP2400 Datasheet HTML 31Page - Intel Corporation IXP2400 Datasheet HTML 32Page - Intel Corporation IXP2400 Datasheet HTML 33Page - Intel Corporation IXP2400 Datasheet HTML 34Page - Intel Corporation IXP2400 Datasheet HTML 35Page - Intel Corporation IXP2400 Datasheet HTML 36Page - Intel Corporation IXP2400 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 126 page
background image
Intel® IXP2400 Network Processor
Datasheet
33
Port 0
RXCLK01
Input
RXENB[0]
Output
RXSOF[0]
Input
RXEOF[0]
Input
not used in UTOPIA mode, tie to ground
RXVAL[0]
Input
not used in UTOPIA mode, tie to ground
RXERR[0]
Input
not used in UTOPIA mode, tie to ground
RXPRTY[0]
Input
RXFA[0]
Input
not used in POS-PHY Level 3 SPHY mode, tie to ground
RXPADL[0]
Input
not used in UTOPIA mode, tie to ground; not used in
POS-PHY x8 mode, tie to ground
RXDATA[7:0]
Input
MPHY (unused)
RXADDR[3:0]
Output
unused; no connect
RXPFA
Input
unused; tie to ground
Port 3
TXCLK23
Input
TXENB[3]
Output
TXSOF[3]
Output
TXEOF[3]
Output
not used in UTOPIA mode, no connect
TXERR[3]
Output
not used in UTOPIA mode, no connect
TXPRTY[3]
Output
TXFA[3]
Input
TXDATA[31:24]
Output
Port 2
TXCLK23
Input
TXENB[2]
Output
TXSOF[2]
Output
TXEOF[2]
Output
not used in UTOPIA mode, no connect
TXERR[2]
Output
not used in UTOPIA mode, no connect
TXPRTY[2]
Output
TXFA[2]
Input
TXPADL[0]
Output
not used in UTOPIA mode, no connect; not used in
POS-PHY x8 mode, no connect
TXDATA[23:16]
Output
Table 9.
4x8 SPHY UTOPIA/POS-PHY Master Mode (Continued)
Port
Master Pin
Name
Direction
Slave Mode Function and Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com