Electronic Components Datasheet Search
  English  ▼

X  

IXP2400 Datasheet(PDF) 48 Page - Intel Corporation

Part # IXP2400
Description  Intel짰 IXP2400 Network Processor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP2400 Datasheet(HTML) 48 Page - Intel Corporation

Back Button IXP2400 Datasheet HTML 44Page - Intel Corporation IXP2400 Datasheet HTML 45Page - Intel Corporation IXP2400 Datasheet HTML 46Page - Intel Corporation IXP2400 Datasheet HTML 47Page - Intel Corporation IXP2400 Datasheet HTML 48Page - Intel Corporation IXP2400 Datasheet HTML 49Page - Intel Corporation IXP2400 Datasheet HTML 50Page - Intel Corporation IXP2400 Datasheet HTML 51Page - Intel Corporation IXP2400 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 126 page
background image
Intel® IXP2400 Network Processor
48
Datasheet
Port 3 (SPHY)
TXCLK23
Input
TXCLK23
RXCLK23
TXENB[3]
Output
TXENB[3]
RXVAL[3]
TXSOF[3]
Output
TXSOF[3]
RXSOF[3]
TXEOF[3]
Output
TXEOF[3]
RXEOF[3]
TXERR[3]
Output
TXERR[3]
RXERR[3]
TXPRTY[3]
Output
TXPRTY[3]
RXPRTY[3]
TXFA[3]
Input
TXFA[3]
RXENB[3]
TXDATA[31:24]
Output
TXDATA[31:24]
RXDATA[31:24]
Port 2 (SPHY)
TXCLK23
Input
TXCLK23
RXCLK23
TXENB[2]
Output
TXENB[2]
RXVAL[2]
TXSOF[2]
Output
TXSOF[2]
RXSOF[2]
TXEOF[2]
Output
TXEOF[2]
RXEOF[2]
TXERR[2]
Output
TXERR[2]
RXERR[2]
TXPRTY[2]
Output
TXPRTY[2]
RXPRTY[2]
TXFA[2]
Input
TXFA[2]
RXENB[2]
TXPADL[1]
Output
unused; tie to ground
unused; tie to ground
TXDATA[23:16]
Output
TXDATA[23:16]
RXDATA[23:16]
Port 1 (unused)
TXCLK01
Input
TXCLK01
RXCLK01
TXSOF[1]
Output
unused; no connect
unused; no connect
TXEOF[1]
Output
unused; no connect
unused; no connect
TXERR[1]
Output
unused; no connect
unused; no connect
TXPRTY[1]
Output
unused; no connect
unused; no connect
TXFA[1]
Input
unused; tie to ground
unused; tie to ground
Port 0 (MPHY)
TXCLK01
Input
TXCLK01
MPHY slave mode is not
supported
TXENB[0]
Output
TXENB[0]
TXSOF[0]
Output
TXSOF[0]
TXEOF[0]
Output
unused; no connect
TXERR[0]
Output
unused; no connect
TXPRTY[0]
Output
TXPRTY[0]
TXFA[0]
Input
unused; tie to ground
TXPADL[0]
Output
unused; no connect
TXDATA[15:0]
Output
TXDATA[15:0]
TXPFA
Input
TXPFA
TXSFA
Input
unused; no connect
TXENB[1]
Output
TXADDR[4]
TXADDR[3:0]
Output
TXADDR[3:0]
Table 15.
x16 UTOPIA Level 2 MPHY-32 + 2x8 SPHY
(UTOPIA or POS-PHY) Mode (Continued)
Port
Pin Name
Direction
Master Mode Function
and Description
Slave Mode Function and
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com