Electronic Components Datasheet Search
  English  ▼

X  

IXP2400 Datasheet(PDF) 6 Page - Intel Corporation

Part # IXP2400
Description  Intel짰 IXP2400 Network Processor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP2400 Datasheet(HTML) 6 Page - Intel Corporation

Back Button IXP2400 Datasheet HTML 2Page - Intel Corporation IXP2400 Datasheet HTML 3Page - Intel Corporation IXP2400 Datasheet HTML 4Page - Intel Corporation IXP2400 Datasheet HTML 5Page - Intel Corporation IXP2400 Datasheet HTML 6Page - Intel Corporation IXP2400 Datasheet HTML 7Page - Intel Corporation IXP2400 Datasheet HTML 8Page - Intel Corporation IXP2400 Datasheet HTML 9Page - Intel Corporation IXP2400 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
Intel® IXP2400 Network Processor
6
Datasheet
18
1x32 SPHY Slave Mode..................................................................................... 54
19
2x16 SPHY Slave Mode..................................................................................... 56
20
4x8 SPHY Slave Mode....................................................................................... 58
21
1x16+2x8 SPHY Slave Mode............................................................................. 60
22
CBus Pinout ....................................................................................................... 62
23
PCI Signals ........................................................................................................ 63
24
SlowPort Signals ................................................................................................ 64
25
GPIO Signals ..................................................................................................... 65
26
Serial Port Signals.............................................................................................. 65
27
Clock Signals ..................................................................................................... 65
28
Test, JTAG, and Miscellaneous Signals ............................................................ 66
29
Configuration/GPIO Pins.................................................................................... 67
30
IXP2400 Network Processor Signal-Type Abbreviations ................................... 72
31
Ball List in Alphanumeric Order by Signal Location ........................................... 72
32
Ball List in Alphanumeric Order by Ball Location ............................................... 85
33
Functional Operating Temperature Range......................................................... 98
34
Functional Operating Voltage Range ................................................................. 99
35
Power Totals for B Stepping .............................................................................. 99
36
Maximum Power for Thermal Solution ............................................................... 99
37
Maximum Power Consumption by Power Supply ............................................ 100
38
SYS_CLK DC Specification ............................................................................. 101
39
SYS_CLK AC Specifications............................................................................ 101
40
Absolute Maximum PCI Ratings ...................................................................... 102
41
PCI Typical and Maximum Power .................................................................... 102
42
PCI DC Specifications...................................................................................... 102
43
Overshoot/Undershoot Specifications.............................................................. 103
44
66-MHz PCI Clock Signal AC Parameters ....................................................... 103
45
33-MHz PCI Clock Signal AC Parameters ....................................................... 104
46
33-MHz PCI Signal Timing ............................................................................... 104
47
66-MHz PCI Signal Timing ............................................................................... 105
48
QDR DC Specifications.................................................................................... 105
49
QDR and QDRII Signal Timing Parameters..................................................... 106
50
DDR SDRAM DC Parameters for 100/150 MHz .............................................. 107
51
DDR SDRAM AC Parameters for 100/150 MHz .............................................. 108
52
MSF (LVTTL) DC Thresholds .......................................................................... 115
53
MSF Overshoot/Undershoot Specifications ..................................................... 115
54
Media Clock DC Specification .......................................................................... 115
55
Media Clock AC Specifications ........................................................................ 116
56
Media Interface Signal AC Parameters............................................................ 116
57
CBus (LVTTL) Driver DC Specifications .......................................................... 117
58
SlowPort, GPIO, and Serial I/O Buffer AC/DC Specifications.......................... 118
59
SlowPort Write Timing...................................................................................... 119
60
SlowPort Read Timing ..................................................................................... 120
61
JTAG DC Specifications................................................................................... 121
62
JTAG AC Specifications................................................................................... 122
63
IXP2400 Network Processor Package Dimensions ......................................... 124
64
IXP2400 Network Processor Die Size.............................................................. 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com