Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 83 Page - Altera Corporation

Part # EP2C8
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 83 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 79Page - Altera Corporation EP2C8 Datasheet HTML 80Page - Altera Corporation EP2C8 Datasheet HTML 81Page - Altera Corporation EP2C8 Datasheet HTML 82Page - Altera Corporation EP2C8 Datasheet HTML 83Page - Altera Corporation EP2C8 Datasheet HTML 84Page - Altera Corporation EP2C8 Datasheet HTML 85Page - Altera Corporation EP2C8 Datasheet HTML 86Page - Altera Corporation EP2C8 Datasheet HTML 87Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 168 page
background image
Altera Corporation
4–1
February 2007
4. Hot Socketing & Power-On
Reset
Introduction
Cyclone® II devices offer hot socketing (also known as hot plug-in, hot
insertion, or hot swap) and power sequencing support without the use of
any external devices. You can insert or remove a Cyclone II board in a
system during system operation without causing undesirable effects to
the board or to the running system bus.
The hot-socketing feature lessens the board design difficulty when using
Cyclone II devices on printed circuit boards (PCBs) that also contain a
mixture of 3.3-, 2.5-, 1.8-, and 1.5-V devices. With the Cyclone II
hot-socketing feature, you no longer need to ensure a proper power-up
sequence for each device on the board.
The Cyclone II hot-socketing feature provides:
■
Board or device insertion and removal without external components
or board manipulation
■
Support for any power-up sequence
■
Non-intrusive I/O buffers to system buses during hot insertion
This chapter also discusses the power-on reset (POR) circuitry in
Cyclone II devices. The POR circuitry keeps the devices in the reset state
until the VCC is within operating range.
Cyclone II
Hot-Socketing
Specifications
Cyclone II devices offer hot-socketing capability with all three features
listed above without any external components or special design
requirements. The hot-socketing feature in Cyclone II devices offers the
following:
■
The device can be driven before power-up without any damage to
the device itself.
■
I/O pins remain tri-stated during power-up. The device does not
drive out before or during power-up, thereby affecting other buses
in operation.
CII51004-3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com