Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 14 Page - Altera Corporation

Part # EP2C8
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 14 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 10Page - Altera Corporation EP2C8 Datasheet HTML 11Page - Altera Corporation EP2C8 Datasheet HTML 12Page - Altera Corporation EP2C8 Datasheet HTML 13Page - Altera Corporation EP2C8 Datasheet HTML 14Page - Altera Corporation EP2C8 Datasheet HTML 15Page - Altera Corporation EP2C8 Datasheet HTML 16Page - Altera Corporation EP2C8 Datasheet HTML 17Page - Altera Corporation EP2C8 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 168 page
background image
2–2
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Logic Elements
phase-align double data rate (DDR) signals) provide interface support for
external memory devices such as DDR, DDR2, and single data rate (SDR)
SDRAM, and QDRII SRAM devices at up to 167 MHz.
Figure 2–1 shows a diagram of the Cyclone II EP2C20 device.
Figure 2–1. Cyclone II EP2C20 Device Block Diagram
The number of M4K memory blocks, embedded multiplier blocks, PLLs,
rows, and columns vary per device.
Logic Elements
The smallest unit of logic in the Cyclone II architecture, the LE, is compact
and provides advanced features with efficient logic utilization. Each LE
features:
■
A four-input look-up table (LUT), which is a function generator that
can implement any function of four variables
■
A programmable register
■
A carry chain connection
■
A register chain connection
■
The ability to drive all types of interconnects: local, row, column,
register chain, and direct link interconnects
■
Support for register packing
■
Support for register feedback
PLL
PLL
IOEs
PLL
PLL
IOEs
IOEs
Logic
Array
Logic
Array
Logic
Array
Logic
Array
IOEs
M4K Blocks
M4K Blocks
Embedded
Multipliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com