Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 100 Page - Altera Corporation

Part # EP2C8
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 100 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 96Page - Altera Corporation EP2C8 Datasheet HTML 97Page - Altera Corporation EP2C8 Datasheet HTML 98Page - Altera Corporation EP2C8 Datasheet HTML 99Page - Altera Corporation EP2C8 Datasheet HTML 100Page - Altera Corporation EP2C8 Datasheet HTML 101Page - Altera Corporation EP2C8 Datasheet HTML 102Page - Altera Corporation EP2C8 Datasheet HTML 103Page - Altera Corporation EP2C8 Datasheet HTML 104Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
5–10
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Operating Conditions
Figure 5–2 shows the transmitter output waveforms for all supported
differential output standards (LVDS, mini-LVDS, RSDS, differential 1.5-V
HSTL class I and II, differential 1.8-V HSTL class I and II, differential
SSTL-2 class I and II, and differential SSTL-18 class I and II).
Figure 5–2. Transmitter Output Waveforms for Differential I/O Standards
Notes to Figure 5–2:
(1)
VOD is the output differential voltage. VOD = |p – n|.
(2)
VOCM is the output common mode voltage. VOCM = (p + n)/2.
(3)
The p – n waveform is a function of the positive channel (p) and the negative channel (n).
Table 5–9 shows the DC characteristics for user I/O pins with differential
I/O standards.
Single-Ended Waveform
Differential Waveform (Mathematical Function of Positive and Negative Channel)
Positive Channel (p) = VOH
Negative Channel (n) = VOL
Ground
VOD (1)
VOD (1)
VOD (1)
0 V
VOCM (2)
p
− n (3)
Table 5–9. DC Characteristics for User I/O Pins Using Differential I/O Standards Note (1) (Part 1 of 2)
I/O Standard
VOD (mV)
ΔVOD (mV)
VOCM (V)
VOH (V)
VOL (V)
Min
Typ
Max
Min Max
Min
Typ
Max
Min
Max
Min
Max
LVDS
250
—
600
—
50
1.125
1.25
1.375
—
—
—
—
mini-LVDS (2)
300
—
600
—
50
1.125
1.25
1.375
—
—
—
—
RSDS (2)
100
—
600
—
—
1.125
1.25
1.375
—
—
—
—
Differential 1.5-V
HSTL class I
and II (3)
———
—
—
—
—
—
VCCI O
– 0.4
——
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com