Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 101 Page - Altera Corporation

Part # EP2C8
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 101 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 97Page - Altera Corporation EP2C8 Datasheet HTML 98Page - Altera Corporation EP2C8 Datasheet HTML 99Page - Altera Corporation EP2C8 Datasheet HTML 100Page - Altera Corporation EP2C8 Datasheet HTML 101Page - Altera Corporation EP2C8 Datasheet HTML 102Page - Altera Corporation EP2C8 Datasheet HTML 103Page - Altera Corporation EP2C8 Datasheet HTML 104Page - Altera Corporation EP2C8 Datasheet HTML 105Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 168 page
background image
Altera Corporation
5–11
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
DC
Characteristics
for Different Pin
Types
Table 5–10 shows the types of pins that support bus hold circuitry.
Differential 1.8-V
HSTL class I
and II (3)
———
—
—
—
—
—
VCCIO
– 0.4
——
0.4
Differential
SSTL-2 class I
(4)
———
—
—
—
—
—
VTT +
0.57
——
VTT –
0.57
Differential
SSTL-2 class II
(4)
———
—
—
—
—
—
VTT +
0.76
——
VTT –
0.76
Differential
SSTL-18 class I
(4)
—
—
—
—
—
0.5 ×
VCCIO
–
0.125
0.5 ×
VCCIO
0.5 ×
VCCIO
+
0.125
VTT +
0.475
——
VTT –
0.475
Differential
SSTL-18 class II
(4)
—
—
—
—
—
0.5 ×
VCCIO
–
0.125
0.5 ×
VCCIO
0.5 ×
VCCIO
+
0.125
VCCIO
– 0.28
—
—
0.28
Notes to Table 5–9:
(1)
The LVPECL I/O standard is only supported on clock input pins. This I/O standard is not supported on output
pins.
(2)
The RSDS and mini-LVDS I/O standards are only supported on output pins.
(3)
The differential 1.8-V HSTL and differential 1.5-V HSTL I/O standards are only supported on clock input pins and
PLL output clock pins.
(4)
The differential SSTL-18 and SSTL-2 I/O standards are only supported on clock input pins and PLL output clock
pins.
Table 5–9. DC Characteristics for User I/O Pins Using Differential I/O Standards Note (1) (Part 2 of 2)
I/O Standard
VOD (mV)
ΔVOD (mV)
VOCM (V)
VOH (V)
VOL (V)
Min
Typ
Max
Min Max
Min
Typ
Max
Min
Max
Min
Max
Table 5–10. Bus Hold Support
Pin Type
Bus Hold
I/O pins using single-ended I/O standards
Yes
I/O pins using differential I/O standards
No
Dedicated clock pins
No
JTAG
No
Configuration pins
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com