Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 97 Page - Altera Corporation

Part # EP2C8
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 97 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 93Page - Altera Corporation EP2C8 Datasheet HTML 94Page - Altera Corporation EP2C8 Datasheet HTML 95Page - Altera Corporation EP2C8 Datasheet HTML 96Page - Altera Corporation EP2C8 Datasheet HTML 97Page - Altera Corporation EP2C8 Datasheet HTML 98Page - Altera Corporation EP2C8 Datasheet HTML 99Page - Altera Corporation EP2C8 Datasheet HTML 100Page - Altera Corporation EP2C8 Datasheet HTML 101Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
Altera Corporation
5–7
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Differential I/O Standards
The RSDS and mini-LVDS I/O standards are only supported on output
pins. The LVDS I/O standard is supported on both receiver input pins
and transmitter output pins.
1
For more information on how these differential I/O standards
are implemented, refer to the High-Speed Differential Interfaces in
Cyclone II Devices chapter of the Cyclone II Device Handbook.
Figure 5–1 shows the receiver input waveforms for all differential I/O
standards (LVDS, LVPECL, differential 1.5-V HSTL class I and II,
differential 1.8-V HSTL class I and II, differential SSTL-2 class I and II, and
differential SSTL-18 class I and II).
1.5-V HSTL class I
8
–8
0.4
VCCIO – 0.4
1.5V HSTL class II
16
–16
0.4
VCCIO – 0.4
Notes to Table 5–7:
(1)
The values in this table are based on the conditions listed in Tables 5–2 and 5–6.
(2)
This specification is supported across all the programmable drive settings available as shown in the Cyclone II
Architecture chapter of the Cyclone II Device Handbook.
Table 5–7. DC Characteristics of User I/O Pins Using Single-Ended Standards Notes (1), (2) (Part 2 of 2)
I/O Standard
Test Conditions
Voltage Thresholds
IOL (mA)
IOH (mA)
Maximum VOL (V)
Minimum VOH (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com