Electronic Components Datasheet Search
  English  ▼

X  

AS8510 Datasheet(PDF) 7 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 7 Page - ams AG

Back Button AS8510_10 Datasheet HTML 3Page - ams AG AS8510_10 Datasheet HTML 4Page - ams AG AS8510_10 Datasheet HTML 5Page - ams AG AS8510_10 Datasheet HTML 6Page - ams AG AS8510_10 Datasheet HTML 7Page - ams AG AS8510_10 Datasheet HTML 8Page - ams AG AS8510_10 Datasheet HTML 9Page - ams AG AS8510_10 Datasheet HTML 10Page - ams AG AS8510_10 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
6 - 46
AS8510
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only. Functional operation of the
device at these or any other conditions beyond those indicated in Electrical Characteristics on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Electrical Parameters
DC supply voltage (AVDD and DVDD)
-0.3
5
V
Input voltage (VIN)-0.3
AVDD + 0.3
DVDD + 0.3
V
Input current (latchup immunity)
(ISCR)
-100
100
mA
AEC - Q100 - 004
Electrostatic Discharge
Electrostatic discharge (ESD) all pins
±2
kV
AEC - Q100 - 002
Continuous Power Dissipation
Total power dissipation
(all supplies and outputs) (Pt)
50
mW
SSOP20 in still air, soldered on JEDEC
standard board @ 125º ambient, static
operation with no time limit
Temperature Ranges and Storage Conditions
Storage temperature (TSTRG)
-50
125
ºC
Junction temperature (TJ)130
ºC
Thermal resistance (RthJC)
80
K/W
JEDEC standard test board, 0 air velocity
Package body temperature (TBODY)
260
ºC
Norm: IPC/JEDEC J-STD-020
The reflow peak soldering temperature (body
temperature) is specified according IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com