Electronic Components Datasheet Search
  English  ▼

X  

AS8510 Datasheet(PDF) 6 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 6 Page - ams AG

Back Button AS8510_10 Datasheet HTML 2Page - ams AG AS8510_10 Datasheet HTML 3Page - ams AG AS8510_10 Datasheet HTML 4Page - ams AG AS8510_10 Datasheet HTML 5Page - ams AG AS8510_10 Datasheet HTML 6Page - ams AG AS8510_10 Datasheet HTML 7Page - ams AG AS8510_10 Datasheet HTML 8Page - ams AG AS8510_10 Datasheet HTML 9Page - ams AG AS8510_10 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
5 - 46
AS8510
Datasheet - Pin Assignm ents
14
DVSS
Supply pad
0V Digital Ground
15
DVDD
+3.3V Digital Supply
16
CHOP_CLK
Digital output
Chop Clock used in High side measurements to synchronize
external chopper.
(As an example, when AS8525 is used to condition the input
signal to the input range of AS8510, the chop clock is used by
AS8525.)
17
MEN
Digital output issued during the Standby Mode (SBM) to signal
the short duration of data sampling. This signal is useful in the
case of a High Side Measurement application.
(For example: This signal is used by AS8525 device to wake-up
and enable the measurement path.)
18
SDI
Digital input
Data signal (SPI Interface)
19
CLK
Digital I/O
By default this pin is the internal clock output which can be used
by a Microcontroller. The internal clock may also be disabled as
an output by programming Register 08. To use an external Clock,
Register 08 has to be programmed.
20
INT
Digital output
Active High Interrupt to indicate data is ready
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com