Electronic Components Datasheet Search
  English  ▼

X  

AS8510 Datasheet(PDF) 45 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 45 Page - ams AG

Back Button AS8510_10 Datasheet HTML 39Page - ams AG AS8510_10 Datasheet HTML 40Page - ams AG AS8510_10 Datasheet HTML 41Page - ams AG AS8510_10 Datasheet HTML 42Page - ams AG AS8510_10 Datasheet HTML 43Page - ams AG AS8510_10 Datasheet HTML 44Page - ams AG AS8510_10 Datasheet HTML 45Page - ams AG AS8510_10 Datasheet HTML 46Page - ams AG AS8510_10 Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
44 - 46
AS8510
Datasheet - Revision Hist ory
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.1
Jun 22, 2009
mbr
Initial version
1.2
Dec 02, 2009
ss2, rad
Updated the datasheet according to 1.8 specification
Dec 08, 2009
ss2
Following modifications carried out in Table 27:
1) Deleted Max value for parameter ‘Temperature upper limit’
2) Added Footnote 2
3) Added new parameter ‘Temperature Sensor Output (without gain
calibration)
1.3
Feb 19, 2010
mbr
Updated Table 15 with PGA information
Updated Voltage Measurement
Updated VREFand VIN values in Table 17 and VREF in Table 18
Inserted new Table 28 - System Measurement Error Budget
2.0
June 01, 2010
mbr
Changed the pin name AGND to VCM
Current source added in the block diagram
Added application diagram
Updated Electrical Characteristics on page 7
Updated Detailed System and Block Specifications on page 9
Updated Standby Mode - Power Consumption on page 37
3.0
Oct 29, 2010
ss2
Updates carried out across the datasheet
3.1
Nov 02, 2010
ss2
Updated Ref Voltage Offset in Table 18
3.2
Nov 14, 2010
ss2
Added sections 7.9.2, 7.9.3, 7.9.5
3.3
Nov 26, 2010
vel
Formatted figures 17, 18 in portrait mode. Index modified from page 39
Dec 03, 2010
ss2
Added Configuring the Device During Normal Mode on page 40
3.4
Mar 01, 2011
mbr /ss2
Updated General Description, Key Features, Applications, Pin Descriptions,
Current Measurement Ranges, Differential Input Amplifier for Current
Channel, Differential Input Amplifier for Voltage Channel, Sigma Delta Analog
to Digital Converter, Bandgap Reference Voltage, System Measurement Error
Budget for Gains 5 and 25, Package Drawings and Markings. Deleted Voltage
Measurement.
3.5
Aug 05, 2011
mbr,ss2,vel
Updated Table 14, Figure 4, Table 19, Table 18, Section 7.9.6, Figure 19.
Added Section 7.9.4
Dec 31, 2012
sju
Updated ordering table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com