Electronic Components Datasheet Search
  English  ▼

X  

AS8510 Datasheet(PDF) 28 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 28 Page - ams AG

Back Button AS8510_10 Datasheet HTML 24Page - ams AG AS8510_10 Datasheet HTML 25Page - ams AG AS8510_10 Datasheet HTML 26Page - ams AG AS8510_10 Datasheet HTML 27Page - ams AG AS8510_10 Datasheet HTML 28Page - ams AG AS8510_10 Datasheet HTML 29Page - ams AG AS8510_10 Datasheet HTML 30Page - ams AG AS8510_10 Datasheet HTML 31Page - ams AG AS8510_10 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
27 - 46
AS8510
Datasheet - Detailed Descr i p ti on
7.9 Control Register
This section describes the control registers used in AS8510. Registers can be broadly classified into the following categories.

Data access registers

Status Registers

Digital signal path control registers

Digital Control registers

Analog Control Registers
Table 33. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data
Data Access Registers
00
DREG_I1
(ADC Data Register for Current)
0000_0000
R
D[7:0]
Denotes the Current ADC MSB Byte (ADC_I[15:8])
01
DREG_I2
(ADC Data Register for Current)
0000_0000
R
D[7:0]
Denotes the Current ADC LSB Byte (ADC_I[7:0])
02
DREG_V1
(ADC Data Register for Voltage)
0000_0000
R
D[7:0]
Denotes the Voltage ADC MSB Byte (ADC_V[15:8])
03
DREG_V2
(ADC Data Register for Voltage)
0000_0000
R
D[7:0]
Denotes the Voltage ADC LSB Byte (ADC_V[7:0])
Status Registers
04
STATUS_REG
0000_0000
R
D[7]
NOM1/NOM2 Data Ready
D[6]
NOM2 Threshold Crossover
D[5]
SBM1 Data Ready
D[4]
SBM2 Threshold Crossover
D[3]
APOR status
D[2]
Data from current channel updated
D[1]
Data from voltage channel updated
D[0]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com