Electronic Components Datasheet Search
  English  ▼

X  

AS8510 Datasheet(PDF) 24 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 24 Page - ams AG

Back Button AS8510_10 Datasheet HTML 20Page - ams AG AS8510_10 Datasheet HTML 21Page - ams AG AS8510_10 Datasheet HTML 22Page - ams AG AS8510_10 Datasheet HTML 23Page - ams AG AS8510_10 Datasheet HTML 24Page - ams AG AS8510_10 Datasheet HTML 25Page - ams AG AS8510_10 Datasheet HTML 26Page - ams AG AS8510_10 Datasheet HTML 27Page - ams AG AS8510_10 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
23 - 46
AS8510
Datasheet - Detailed Descr i p ti on
7.8.2 Write Command
For write command, C0=0. After the command code C0 is transferred, the address of register to be written is provided from MSB to LSB.
Subsequently one or more data bytes can be transferred from MSB to LSB. For each data byte following the first one, used address is the
incremented value of the previously written address. Each bit of the frame has to be driven by the SPI master on the SPI clock transfer edge. The
SPI slave samples it on the next clock edge. These edges are determined by the level of SCLK as shown in Table 29. Figure 10 and Figure 11
are examples of write command without and with address self-increment.
Figure 10. Protocol for Serial Data Write with Length = 1
Figure 11. Protocol for Serial Data Write with Length = 4
CS
SCLK
SDI
SDO
0
A6
A5
A4
A0
A1
A2
A3
D0
D1
D2
D3
D4
D5
D7
D6
Data D7 – D0 is moved
to Address A4..A0 here
CS
SCLK
SDI
SDO
0
A
6
A
1
A
4
A
2
A
3
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
Data D7-D0 is
moved to Address
A4-A0 here
Data D7-D0 is
moved to Address
A4-A0 +1 here
Data D7-D0 is
moved to Address
A4-A0 +2 here
Data D7-D0 is
moved to Address
A4-A0 +3 here
Data D7-D0 is
moved to Address
A4-A0 +4 here
A
0
A
5
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com