Electronic Components Datasheet Search
  English  ▼

X  

AS8510 Datasheet(PDF) 5 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 5 Page - ams AG

  AS8510_10 Datasheet HTML 1Page - ams AG AS8510_10 Datasheet HTML 2Page - ams AG AS8510_10 Datasheet HTML 3Page - ams AG AS8510_10 Datasheet HTML 4Page - ams AG AS8510_10 Datasheet HTML 5Page - ams AG AS8510_10 Datasheet HTML 6Page - ams AG AS8510_10 Datasheet HTML 7Page - ams AG AS8510_10 Datasheet HTML 8Page - ams AG AS8510_10 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
4 - 46
AS8510
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1RSHH
Analog input
Positive Differential input for current channel
2RSHL
Negative differential input for current channel
3REF
Analog output
Internal reference voltage to sigma-delta ADC; connect 100nF to
AVSS from this pin.
4VCM
Common Mode voltage to the internal measurement path;
connect 100nF to AVSS from this pin.
5AVDD
Supply pad
+3.3V Analog Power-supply
6
AVSS
0V Power-supply analog
7ETR
Analog input
Voltage channel single ended input
8ETS
9
VBAT_IN
Battery voltage (high) input
10
VBAT_GND
Battery voltage (low) input
11
CS
Digital input with pull-up Chip select with an internal pull-up resistor (SPI Interface)
12
SCLK
Digital input
Clock signal (SPI Interface)
13
SDO
Digital output
Serial Data Input (SPI Interface)
VBAT_IN
DVDD
SDO
SDI
SCLK
CS
AVDD
INT
CLK
DVSS
RSHH
RSHL
ETR
VCM
ETS
CHOP_CLK
MEN
AVSS
REF
AS8510
VBAT_GND
6
8
3
9
10
1
2
7
5
4
12
16
20
19
14
17
13
15
18
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com