Electronic Components Datasheet Search
  English  ▼

X  

LP38851 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38851
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851 Datasheet(HTML) 5 Page - Texas Instruments

  LP38851 Datasheet HTML 1Page - Texas Instruments LP38851 Datasheet HTML 2Page - Texas Instruments LP38851 Datasheet HTML 3Page - Texas Instruments LP38851 Datasheet HTML 4Page - Texas Instruments LP38851 Datasheet HTML 5Page - Texas Instruments LP38851 Datasheet HTML 6Page - Texas Instruments LP38851 Datasheet HTML 7Page - Texas Instruments LP38851 Datasheet HTML 8Page - Texas Instruments LP38851 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LP38851
www.ti.com
SNVS492C – JUNE 2007 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified: VOUT = 0.80V, VIN = VOUT(NOM) + 1V, VBIAS = 3.0V, VEN = VBIAS, IOUT = 10 mA, CIN = COUT = 10 µF,
CBIAS = 1 µF, CSS = open. Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction
temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are specified through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN = VOUT(NOM) + 1V,
-
72
-
f = 120 Hz
PSRR
Ripple Rejection for VIN Input
(VIN)
Voltage
VIN = VOUT(NOM) + 1V,
-
61
-
f = 1 kHz
dB
VBIAS = VOUT(NOM) + 3V,
-
54
-
f = 120 Hz
PSRR
Ripple Rejection for VBIAS Voltage
(VBIAS)
VBIAS = VOUT(NOM) + 3V,
-
53
-
f = 1 kHz
Output Noise Density
f = 120 Hz
-
1
-
µV/
√Hz
en
BW = 10 Hz
− 100 kHz
-
150
-
Output Noise Voltage
µVRMS
BW = 300 Hz
− 300 kHz
-
90
-
Thermal Parameters
Thermal Shutdown Junction
TSD
-
160
-
Temperature
°C
TSD(HYS)
Thermal Shutdown Hysteresis
-
10
-
SFM
-
60
-
Thermal Resistance, Junction to
θJ-A
PFM
-
60
-
Ambient(5)
SO PowerPad
-
168
-
°C/W
SFM
-
3
-
Thermal Resistance, Junction to
θJ-C
PFM
-
3
-
Case(5)(6)
SO PowerPad
-
11
-
(5)
Device power dissipation must be de-rated based on device power dissipation (PD), ambient temperature (TA), and package junction to
ambient thermal resistance (
θJA). Additional heat-sinking may be required to ensure that the device junction temperature (TJ) does not
exceed the maximum operating rating. See APPLICATION INFORMATION for details.
(6)
For SFM and PFM:
θJ-C refers to the BOTTOM surface of the package, under the epoxy body, as the 'CASE'. For SO PowerPad: θJ-C
refers to the DAP (aka: Exposed Pad) on BOTTOM surface of the package as the 'CASE'.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com