Electronic Components Datasheet Search
  English  ▼

X  

LP38851 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP38851
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP38851 Datasheet HTML 10Page - Texas Instruments LP38851 Datasheet HTML 11Page - Texas Instruments LP38851 Datasheet HTML 12Page - Texas Instruments LP38851 Datasheet HTML 13Page - Texas Instruments LP38851 Datasheet HTML 14Page - Texas Instruments LP38851 Datasheet HTML 15Page - Texas Instruments LP38851 Datasheet HTML 16Page - Texas Instruments LP38851 Datasheet HTML 17Page - Texas Instruments LP38851 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LP38851
SNVS492C – JUNE 2007 – REVISED APRIL 2013
www.ti.com
Please refer to Application Note AN-1378 (SNVA112) for additional information on how resistor tolerances affect
the calculated VOUT value.
INPUT VOLTAGE
The input voltage (VIN) is the high current external voltage rail that will be regulated down to a lower voltage,
which is applied to the load. The input voltage must be at least VOUT + VDO, and no higher than whatever value is
used for VBIAS.
For applications where VBIAS is higher than 4.5V, VIN must be no greater than 4.5V, otherwise output voltage
accuracy may be affected.
BIAS VOLTAGE
The bias voltage (VBIAS) is a low current external voltage rail required to bias the control circuitry and provide
gate drive for the N-FET pass transistor. When VOUT is set to 1.20V, or less, VBIAS may be anywhere in the
operating range of 3.0V to 5.5V. If VOUT is set higher than 1.20V , VBIAS must be between 4.5V and 5.5V to
ensure proper operation of the device.
UNDER VOLTAGE LOCKOUT
The bias voltage is monitored by a circuit which prevents the device from functioning when the bias voltage is
below the Under-Voltage Lock-Out (UVLO) threshold of approximately 2.45V.
As the bias voltage rises above the UVLO threshold the device control circuitry becomes active. There is
approximately 150 mV of hysteresis built into the UVLO threshold to provide noise immunity.
When the bias voltage is between the UVLO threshold and the Minimum Operating Rating value of 3.0V the
device will be functional, but the operating parameters will not be within the specified limits.
SUPPLY SEQUENCING
There is no requirement for the order that VIN or VBIAS are applied or removed.
One practical limitation is that the Soft-Start circuit starts charging CSS when both VBIAS rises above the UVLO
threshold and the Enable pin is above the VEN(ON) threshold. If the application of VIN is delayed beyond this point
the benefits of Soft-Start will be compromised.
In any case, the output voltage cannot be specified until both VIN and VBIAS are within the range of specified
operating values.
If used in a dual-supply system where the regulator output load is returned to a negative supply, the output pin
must be diode clamped to ground. A Schottky diode is recommended for this diode clamp.
REVERSE VOLTAGE
A reverse voltage condition will exist when the voltage at the output pin is higher than the voltage at the input pin.
Typically this will happen when VIN is abruptly taken low and COUT continues to hold a sufficient charge such that
the input to output voltage becomes reversed.
The NMOS pass element, by design, contains no body diode. This means that, as long as the gate of the pass
element is not driven, there will not be any reverse current flow through the pass element during a reverse
voltage event. The gate of the pass element is not driven when VBIAS is below the UVLO threshold, or when the
Enable pin is held low.
When VBIAS is above the UVLO threshold, and the Enable pin is above the VEN(ON) threshold, the control circuitry
is active and will attempt to regulate the output voltage. Since the input voltage is less than the output voltage the
control circuit will drive the gate of the pass element to the full VBIAS potential when the output voltage begins to
fall. In this condition, reverse current will flow from the output pin to the input pin , limited only by the RDS(ON) of
the pass element and the output to input voltage differential. Discharging an output capacitor up 1000 µF in this
manner will not damage the device as the current will rapidly decay. However, continuous reverse current should
be avoided.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com