Electronic Components Datasheet Search
  English  ▼

X  

LP38851 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP38851
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP38851 Datasheet HTML 14Page - Texas Instruments LP38851 Datasheet HTML 15Page - Texas Instruments LP38851 Datasheet HTML 16Page - Texas Instruments LP38851 Datasheet HTML 17Page - Texas Instruments LP38851 Datasheet HTML 18Page - Texas Instruments LP38851 Datasheet HTML 19Page - Texas Instruments LP38851 Datasheet HTML 20Page - Texas Instruments LP38851 Datasheet HTML 21Page - Texas Instruments LP38851 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LP38851
SNVS492C – JUNE 2007 – REVISED APRIL 2013
www.ti.com
Heat-Sinking The SO PowerPad Package
The LP38851MR package has a
θJA rating of 168°C/W, and a θJC rating of 11°C/W. The θJA rating of 168°C/W
includes the device DAP soldered to an area of 0.008 square inches (0.09 in x 0.09 in) of 1 ounce copper, with
no airflow.
Figure 34.
θJA vs Copper (1 Ounce) Area for the SO PowerPad Package
Increasing the copper area soldered to the DAP to 1 square inch of 1 ounce copper, using a dog-bone type
layout, will improve the
θJA rating to 98°C/W. Figure 34 shows that increasing the copper area beyond 1 square
inch produces very little improvement.
Figure 35. Maximum Power Dissipation vs Ambient Temperature for the SO PowerPad Package
Figure 35 shows the maximum allowable power dissipation for the SO PowerPad package for a range of ambient
temperatures, assuming
θJA is 98°C/W and the maximum junction temperature is 125°C.
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com