Electronic Components Datasheet Search
  English  ▼

X  

LP38851 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP38851
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP38851 Datasheet HTML 5Page - Texas Instruments LP38851 Datasheet HTML 6Page - Texas Instruments LP38851 Datasheet HTML 7Page - Texas Instruments LP38851 Datasheet HTML 8Page - Texas Instruments LP38851 Datasheet HTML 9Page - Texas Instruments LP38851 Datasheet HTML 10Page - Texas Instruments LP38851 Datasheet HTML 11Page - Texas Instruments LP38851 Datasheet HTML 12Page - Texas Instruments LP38851 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LP38851
www.ti.com
SNVS492C – JUNE 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Refer to the TYPICAL APPLICATION CIRCUIT. Unless otherwise specified: TJ = 25°C, R1 = 1.40 kΩ, R2 = 1.00 kΩ,
CFF= 180 pF, VIN = VOUT(NOM) + 1V, VBIAS = 3.0V, IOUT = 10 mA, CIN = 10 µF Ceramic, COUT = 10 µF Ceramic,
CBIAS = 1 µF Ceramic, , CSS = Open.
Load Transient Response, COUT = 10 µF Ceramic
Load Transient Response, COUT = 10 µF Ceramic
Figure 21.
Figure 22.
Load Transient Response, COUT = 47 µF Ceramic
Load Transient Response, COUT = 47 µF Ceramic
Figure 23.
Figure 24.
Load Transient Response, COUT = 68 µF Tantalum
Load Transient Response, COUT = 68 µF Tantalum
Figure 25.
Figure 26.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP38851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com