Electronic Components Datasheet Search
  English  ▼

X  

LP38851 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP38851
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38851 Datasheet HTML 12Page - Texas Instruments LP38851 Datasheet HTML 13Page - Texas Instruments LP38851 Datasheet HTML 14Page - Texas Instruments LP38851 Datasheet HTML 15Page - Texas Instruments LP38851 Datasheet HTML 16Page - Texas Instruments LP38851 Datasheet HTML 17Page - Texas Instruments LP38851 Datasheet HTML 18Page - Texas Instruments LP38851 Datasheet HTML 19Page - Texas Instruments LP38851 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
D
J
JA
P
T
T
'
d
A(MAX)
J(MAX)
J
T
-
T
' =
LP38851
SNVS492C – JUNE 2007 – REVISED APRIL 2013
www.ti.com
ENABLE OPERATION
The Enable pin (EN) provides a mechanism to enable, or disable, the regulator output stage. The Enable pin has
an internal pull-up, through a typical 160 k
Ω resistor, to VBIAS.
If the Enable pin is actively driven, pulling the Enable pin above the VEN threshold of 1.25V (typical) will turn the
regulator output on, while pulling the Enable pin below the VEN threshold will turn the regulator output off. There
is approximately 100 mV of hysteresis built into the Enable threshold provide noise immunity.
If the Enable function is not needed this pin should be left open, or connected directly to VBIAS. If the Enable pin
is left open, stray capacitance on this pin must be minimized, otherwise the output turn-on will be delayed while
the stray capacitance is charged through the internal resistance (rEN).
POWER DISSIPATION AND HEAT-SINKING
Additional copper area for heat-sinking may be required depending on the maximum device dissipation (PD) and
the maximum anticipated ambient temperature (TA) for the device. Under all possible conditions, the junction
temperature must be within the range specified under operating conditions.
The total power dissipation of the device is the sum of three different points of dissipation in the device.
The first part is the power that is dissipated in the NMOS pass element, and can be determined with the formula:
PD(PASS) = (VIN - VOUT) × IOUT
(8)
The second part is the power that is dissipated in the bias and control circuitry, and can be determined with the
formula:
PD(BIAS) = VBIAS × IGND(BIAS)
where
•
IGND(BIAS) is the portion of the operating ground current of the device that is related to VBIAS
(9)
The third part is the power that is dissipated in portions of the output stage circuitry, and can be determined with
the formula:
PD(IN) = VIN × IGND(IN)
where
•
IGND(IN) is the portion of the operating ground current of the device that is related to VIN
(10)
The total power dissipation is then:
PD = PD(PASS) + PD(BIAS) + PD(IN)
(11)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum anticipated ambient
temperature (TA) for the application, and the maximum allowable operating junction temperature (TJ(MAX)) .
(12)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
(13)
Heat-Sinking The SFM Package
The SFM package has a
θJA rating of 60°C/W and a θJC rating of 3°C/W. These ratings are for the package only,
no additional heat-sinking, and with no airflow. If the needed
θJA, as calculated above, is greater than or equal to
60°C/W then no additional heat-sinking is required since the package can safely dissipate the heat and not
exceed the operating TJ(MAX). If the needed θJA is less than 60°C/W then additional heat-sinking is needed.
The thermal resistance of a SFM package can be reduced by attaching it to a heat sink or a copper plane on a
PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for PFM
package.
The heat-sink to be used in the application should have a heat-sink to ambient thermal resistance,
θHA:
θHA ≤ θJA - (θCH + θJC)
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com