Electronic Components Datasheet Search
  English  ▼

X  

LP38851 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP38851
Description  LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38851 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP38851 Datasheet HTML 13Page - Texas Instruments LP38851 Datasheet HTML 14Page - Texas Instruments LP38851 Datasheet HTML 15Page - Texas Instruments LP38851 Datasheet HTML 16Page - Texas Instruments LP38851 Datasheet HTML 17Page - Texas Instruments LP38851 Datasheet HTML 18Page - Texas Instruments LP38851 Datasheet HTML 19Page - Texas Instruments LP38851 Datasheet HTML 20Page - Texas Instruments LP38851 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
H
A
T
d
(
)
J
C
C
H
J
A
T
T
-
T
+
LP38851
www.ti.com
SNVS492C – JUNE 2007 – REVISED APRIL 2013
where
•
θJA is the required total thermal resistance from the junction to the ambient air, θCH is the thermal resistance
from the case to the surface of the heart-sink
•
θJC is the thermal resistance from the junction to the surface of the case
(14)
For this equation,
θJC is about 3°C/W for a SFM package. The value for θCH depends on method of attachment,
insulator, etc.
θCH varies between 1.5°C/W to 2.5°C/W. Consult the heat-sink manufacturer datasheet for details
and recommendations.
Heat-Sinking The PFM Package
The PFM package has a
θJA rating of 60°C/W, and a θJC rating of 3°C/W. These ratings are for the package only,
no additional heat-sinking, and with no airflow.
The PFM package uses the copper plane on the PCB as a heat-sink. The tab of this package is soldered to the
copper plane for heat sinking. Figure 32 shows a curve for the
θJA of PFM package for different copper area
sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area for heat-sinking.
Figure 32.
θJA vs Copper (1 Ounce) Area for the PFM package
Figure 32 shows that increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the PFM package mounted to a PCB is 32°C/W.
Figure 33. Maximum Power Dissipation vs Ambient Temperature for the PFM Package
Figure 33 shows the maximum allowable power dissipation for PFM packages for different ambient temperatures,
assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP38851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com