Electronic Components Datasheet Search
  English  ▼

X  

TP912 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TP912
Description  Test Tools Catalog Volume one, 2007
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP912 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TP912 Datasheet HTML 17Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 18Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 19Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 20Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 21Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 22Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 23Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 24Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
1
1
Digital Multimeters
Recommended accessories – 885A and 886A Precision Multimeters
TLXW-PT
TLXW-TWE
88X-51M
FVF-UG
2x4 Wire Ohms Test Lead
2x4 Wire Ohms
USB Memory 512M
FlukeView Forms
2 mm probe tip
Tweezer
Software Upgrade
Included accessories
LCI Line Power Cord, TL71 Test
Lead Set, Spare Line Power fuse,
Programmers Manual/User Manual
on CD-ROM, FVF-BASIC FlukeView
Forms Software Basic Version.
Ordering information
Fluke-8845A
6.5 Digit Precision
Multimeter, 35 ppm
Fluke-8846A
6.5 Digit Precision
Multimeter, 24 ppm
Specifications – 8845A and 8846A
Features – 8845A and 8846A
Precision and versatility for
bench or systems applications
Fluke 8845A and 8846A
6.5 Digit Precision Multimeters
Fluke 8846A
885A
886A
Function*
Range
Resolution Accuracy* (%)
Range
Resolution Accuracy* (%)
Voltage dc
1000 V
100 nV
0.0035
1000 V
100 nV
0.0024
Voltage ac (freq. 300 Hz)
750 V
100 nV
0.06
1000 V
100 nV
0.06
Resistance (2x4 wire)
100 M
W
100 µ
W
0.01
1 G
W
10 µ
W
0.01
Current dc
10 A
100 pA
0.05
10 A
100 pA
0.05
Current ac (freq. 3 Hz to 10 kHz)
10 A
1 µA
0.10
10 A
10 nA
0.10
Freq/period
300 kHz
1 µHz
0.01
1 MHz
1 µHz
0.01
Capacitance
—
—
—
1 nF to 0.1 F
1 pF
1
Temperature RTD
—
—
—
-200 °C to
+600 °C
0.001°
0.06°
*Accuracy = ± (% of reading)
Size (HxWxD): 88 mm x 217 mm x 297 mm (3.45 in x 8.54 in x 11.69 in) Weight: 3.6 kg (7.9 lb) One-year warranty
Use the built-in TrendPlot paperless chart recorder
to graphically identify the extent of drift and inter-
mittent events in analog circuits.
View results in Histogram mode to reveal stability
or noise problems in analog circuits.
Handle even the most demanding measurements
with high accuracy and 6.5 digit resolution.
Fluke 8845A
The Fluke 8845A and 8846A, 6.5 digit precision
multimeters have the precision and versatility to
handle your most demanding measurements on the
bench or in a system.
Dual display offers versatile graphical
capabilities: The 8845A and 8846A feature a unique
graphical display that can reveal signal quality
issues like drift, intermittent and stability by viewing
the measurement data as a real time TrendPlot,™
Histogram or Statistics using the unique analyze
mode.
Wide measurement ranges: Resistance or
current has been extended to cover the widest range
possible.
Perform 4-wire measurements easily with
two leads: Patented split terminal jacks for 2x4
ohms function allow you to perform precise 4-wire
measurements with only two leads instead of four.
Optional Kelvin leads accessories are available to
enable you to establish a 4-wire connection even in
tight spaces.
Systems capabilities: Both instruments include
an RS-232, IEEE-488 and Ethernet interface as
standard, with popular DMM emulation modes that
make systems integration a simple task.
Software: Transfer data points from your meter to
your PC with the free copy of FlukeView Forms Basic.
To customize your forms, upgrade with FVF-UG.
Application note, literature code
2547797:
Understanding specifications
for precision multimeters
A solid understanding of
specifications
is critical
when you’re
evaluating the
suitability of
DMMs for an
application,
or when
you must be
confident that
your readings
accurately
reflect
reality. This
application
note discusses some of the thinking
behind DMM specifications and
spec sheets. It defines the various
elements of DMM specs and gives
tips on how to apply them.
Want to read more? Go to www.
fluke.com/library to download this
and other application notes, or get
info specific to your industry and
sign up for Fluke News publications
at www.fluke.com/subscribe.
Feature
885A
886A
Display
Dual VFD Dot Matrix
Resolution
6.5 Digits
Continuity / Diode Test
Yes
Analytical Functions
Statistics, Histogram, TrendPlot™, Limit Test
Math Functions
Zero, Min/Max/Average, Std Dev; mx + b, dB/dBm
USB Device Port
—
USB memory drive port
Real Time Clock
—
Yes
Interfaces
RS-232, IEEE-488.2, Ethernet, USB (with optional adapter)
Programming Languages/Emulation Modes
SCPI (IEEE-488.2), Agilent 34401A, Fluke 45
Safety
Designed to comply with IEC 61010-2000-1, ANSI / ISA-S82.01-1994,
CAN / CSA-C22.2 No.1010.1-92 1000 V CAT I / 600 V CATII
For more information and detailed specifications, go to www.fluke.com/884X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com