Electronic Components Datasheet Search
  English  ▼

X  

TP912 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # TP912
Description  Test Tools Catalog Volume one, 2007
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP912 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button TP912 Datasheet HTML 35Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 36Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 37Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 38Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 39Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 40Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 41Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 42Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Process Calibration Tools
9
Recommended accessories – 76 and 75 Calibrators
Specifications – 726 and 725 Calibrators
Step up to unmatched accuracy in
process measurement and calibration
Fluke 726 and 725 Multi-
function Process Calibrators
Fluke 76 Precision Multifunction
Process Calibrator
The Fluke 726 Precision Multifunction Process Calibrator
is designed specifically for the Process industry with
broad workload coverage, calibration power and
unsurpassed accuracy in mind. The 726 measures and
sources almost all process parameters and can calibrate
almost anything. The 726 will also interpret results
without the help of a calculator and store measurement
data for later analysis.
• Precise measurement and calibration source
performance, accuracies of 0.01 %
• Transmitter error% calculation, interpret calibration
results without a calculator
• Memory storage for up to 8 calibration results, return
stored calibration data from the field for later analysis
• Frequency totalizer and frequency pulse train source
mode for enhanced flowmeter testing
• HART mode inserts 250 ohm resistor in mA
measure and source for compatibility with HART
instrumentation
• Integrated pressure switch test allows you to capture
the set, reset and deadband of a switch
• Custom RTD curves, add calibration constants for
certified RTD probes for enhanced temperature
measurement
• New voltage input protection design for improved
reliability
• Three-year warranty
Fluke-700PTP
C15
ToolPak
80PK-7
Pneumatic
Meter Case
Meter Hanging Kit
SureGrip Industrial
Test Pump
See page 70
See page 71
Surface Temperature Probe
See page 69
See page 68
Measure and source
Function
Range or type
Resolution
Accuracy
Notes
Voltage
0 to 100 mV
0 to 10 V (source)
0 to 0 V (source)
0 to 30 V (measure)
0.01 mV
0.01 V
0.01 V
0.01 V
0.01 %,
0.02 %
Rdg + 2 LSD
Max load, 1 mA
mA
0 to 24
0.001 mA
0.01 %,
0.02 %
Rdg + 2 LSD
Max load, 1000
W
mV (TC
terminals)
-10.00 mV to
+75.00 mV
.01 mV
0.01 %, 0.02 %
of range + 1 LSD
Ohms
15
W to 3,200 W
5
W to ,000 W
0.01
W
to 0.1
W
0.10
W to 1.0 W
0.015 %
Hz - CPM
2.0 to 1,000 CPM
1 to 1000 Hz
1.0 to 10.0 kHz
10.0 to 15.0 kHz
0.1 CPM
1 Hz
0.1 kHz
0.1 kHz
± 0.05 %
± 0.05 %
± 0.25 %
± 0.05 %
Source;
5 V p-p
1 V to 0 V p-p
squarewave,
-0.1 V offset
Loop supply
24 V dc
N/A
10 %
T/C
J, K, T, E, L, N, U, XK
0.1 °C, 0.1 °F
to 0.7 °C
to 0. °C
T/C
B, R, S, BP
1 °C, 1 °F
to 1.7 °C
to 1. °C
RTDs
Cu (10), Ni120 (672)
Pt 100, 200, 500,
1000 (385)
Pt 100 (3916),
Pt 100 (3926)
0.01 °C,
0.01 °F
0.1 °C, 0.1 °F
to 0.15 °C
to 0.2 °C
Unique 76 specifications are bolded
Simultaneous function
capability
Channel
A
Channel
B
24.000 mA dc
M
M or S
24.000 mA dc with 24 V
loop supply
M
100.00 mV dc
M or S
30.000 V dc measure
M
20.000 V dc measure
10.000 V dc source
20.000 V dc source
M or S
15 to 3200 Ohms
5 to 4000 Ohms
M or S
Thermocouple J, K, T, E, R, S,
B, M, L, U, N, XK, BP
M or S
RTD Cu 10, Ni120; Pt100 (392);
Pt100 (JIS); Pt100, 200, 500,
1000 (385), XK and BP
M or S
Pressure (requires Fluke
700PXX Modules)
M
M used
as S
Frequency; 10 kHz;
(15 KHz 726)
M or S
M = Measure, S = Source/Simulate
General specifications
Storage temperature:
-20 °C to 71 °C
Operating temperature:
-10 °C to 55 °C
Relative humidity:
90 % (10 °C to 30 °C);
75 % (30 °C to 40 °C);
45 % (40 °C to 50 °C);
35 % (50 °C to 55 °C)
Shock: 1 meter drop test
Safety: CSA C22.2
No. 1010.1:1992
EMC: EN50082-1:1992 and
EN55022:1994 Class B
Size (HxWxD): 200 mm x
96 mm x 47 mm (7.9 in x
3.8 in x 1.9 in)
Weight: 650 g (23 oz)
Battery: Four AA alkaline
batteries
Battery life: 25 hours
typical
Fluke 75 Multifunction
Process Calibrator
• Measure volts, mA, RTDs,
thermocouples,
frequency and ohms
to test sensors and
transmitters
• Source/simulate volts,
mA, thermocouples,
RTDs, frequency,
ohms and pressure to
calibrate transmitters
• Measure/source
pressure using any
of 29 Fluke 700Pxx
Pressure Modules
• Source mA with
simultaneous pressure
measurement to
conduct valve and
I/P tests
• Support flow meter
testing with frequency
and counts per minute (CPM)
functions
• Perform fast linearity tests with
auto step and auto ramp features
Intrinsically safe version available
(see page 45)
Pressure
Enabled
Included accessories
TL75 Test Leads, AC72 Test Clips,
one pair of stackable test leads,
product overview manual (print)
and users manual in 14 languages
on CD-ROM.
Ordering information
Fluke-726 Precision Multifunction
Process Calibrator
Fluke-725 Multifunction Process
Calibrator
Fluke-724 Temperature Calibrator
(also see page 40)
For more information and detailed specifications, go to www.fluke.com/726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com