Electronic Components Datasheet Search
  English  ▼

X  

TP912 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # TP912
Description  Test Tools Catalog Volume one, 2007
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP912 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button TP912 Datasheet HTML 45Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 46Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 47Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 48Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 49Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 50Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 51Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 52Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Thermal imaging for the
industrial technician
Fluke Ti30™
Thermal Imager
The affordable Fluke Ti30™ Thermal Imager is an
unbeatable solution for predictive maintenance:
Complete imaging solution – The Ti30 Thermal
Imager is packaged with all necessary accessories,
unlimited-use InsideIR™ companion software, and
two days of professional thermography training.*
Low cost of ownership – An exceptional value
for a high performance imager, the Ti30 also offers
affordable instrument service and calibrations.
Designed for industrial use – Over five hours
of continuous-use battery life and the capacity to
store up to 100 images, allows for a full day of
uninterrupted inspections.
Fast and easy inspection routing – Plan your
equipment inspection route, load it once into
the imager, and then follow the easy, on-camera
instructions each time you perform inspections.
*U.S. and Canada only. Training package varies by country.
Does not include travel expenses.
Understanding
maintenance routing
Predictive maintenance (PdM)
programs rely on periodic
inspections of the critical assets
comprising a plant or facility. These
inspections range from visual
inspections to nondestructive
testing performed using a variety
of technologies. To optimize a
PdM program, one must develop a
series of routes, determining the
equipment to be inspected, the
frequency of those inspections,
and the sequence or physical
course for each.
With the Fluke Ti30™ Thermal
Imager, images taken on a
planned inspection route can be
combined with location names
and temperature data and
uploaded to the camera for use
as a “routing guide.” The user is
prompted to go to each location
on the route to take images during
subsequent inspections—improving
accuracy. New images can easily
be compared to previous scans
using InsideIR software (included),
helping to identify potential
problems before they cause failure.
To learn more about predictive
maintenance with the Fluke
Ti30™ Thermal Imager, go to
www.fluke.com/thermal_imaging
Specifications – Ti30™ Thermal Imager
Detector
Detector type
120 x160 thermal element uncooled focal plane array microbolometer
NETD (Noise equivalent temp. difference)
200 mK
Thermal
Temperature range
-10 °C to 250 °C (14 °F to 482 °F)
Accuracy
±2 % or ±2 ºC (± 3 % or 3 °C from -10 to 0 °C)
Optical
Optical resolution
90:1
Slit response optical resolution
225:1
Minimum diameter measurement spot
7 mm (0.27 in) at 61cm (24 in)
Field of view (FOV)
17 º horizontal x 12.8 º vertical
Target sighting
Single laser dot (Meets IEC Class 2 & FDA Class II requirements)
Controls and adjustments
Focus
Focusable, 61cm (24 in) to infinity
Temperature scale
ºC or ºF selectable
Palettes
Gray, ironbow or rainbow
Measurement modes
Automatic, semi-automatic or manual
LCD backlight
Bright, dim, off-selectable
Adjustable emissivity
0.10 to 1.00 by 0.01
Reflected background temperature
-50 ºC to 460 ºC (-58 ºF to 860 ºF)
Environmental
Ambient operating temperature
-10 ºC to 50 ºC (14 ºF to 122 ºF)
Relative humidity
10 to 90 % non-condensing
Storage temperature
-25 ºC to 70 ºC (-13 ºF to158 ºF) [without batteries]
Other
Storage capacity
100 images
Power
Rechargable battery pack or 6AAs (not included)
Battery life
Minimum 5 hours continuous use
Image frame rate
20 Hz*, 9 Hz
Thermal analysis software
InsideIR (included)
PC software operating systems
Microsoft® Windows® 2000® or XP®
Weight (includes batteries)
1 kg (2.2 lb)
Warranty
1 year (U.S. only)
Store infrared images
in InsideIR software
Included accessories
Unlimited-use InsideIR PC software
for data storage, analysis and report-
ing, docking station with universal
power adapter and USB connection,
hardshell carrying case, USB field
cable, rechargeable battery pack,
sun visor, interactive CD, training
presentation CD, carrying pouch,
wrist strap, and quick reference card.
Optional
NIST Calibration Certificate
Ordering information
Fluke-Ti30 US
Thermal Imager/
North America
Fluke-Ti30 EL
Thermal Imager/
Latin America
Fluke-Ti30 EL/9 Thermal Imager/
Latin America,
9 Hz Version
To request a demonstration, call
1-800-44-Fluke (1+425-446-5500
outside the U.S.) or visit
www.fluke.com/demo
*Subject to U.S. export license compliance. Applicable outside the U.S. and Canada.
9
For more information and detailed specifications, go to www.fluke.com/thermal_imaging
Thermal Imaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com