Electronic Components Datasheet Search
  English  ▼

X  

TP912 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # TP912
Description  Test Tools Catalog Volume one, 2007
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP912 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button TP912 Datasheet HTML 29Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 30Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 31Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 32Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 33Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 34Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 35Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 36Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Clamp Meters

Recommended accessories – 0 and 0 Series
Specifications – 320 and 330 Series
Models , , 5, 6
and 7
Operating temperature: -10 °C to 50 °C
(-14 °F to 122 °F)
Altitude: 2,500 meters
Battery life: (2) AA alkaline approximately
150 hours continuous, automatic low battery
indicator
Safety rating: IEC 1010-2-031, CAT III 600 V
Temperature de-rating: Add 0.1 x specified
accuracy for each ºC above 28 ºC or below
18 ºC
Storage temperature: -40 ºC to 60 ºC
(-40 ºF to 140 ºF)
Models 1 and 
Operating temperature: -10 °C to 50 °C
(-14 °F to 122 °F)
Altitude: 2,000 meters
Battery life: (2) AAA carbon zinc
approximately 100 hours continuous,
automatic low battery indicator
Safety rating: IEC 1010-2-031, CAT III 600 V
Temperature de-rating: < 18 °C, > 28 °C add
0.1 x specified accuracy /°C
Storage temperature: -30 °C to 60 °C
(-22 °F to 140 °F)
See page 54 for information on the
NEW! 902 True-rms HVAC Clamp Meter
• Inrush current feature (selected models)
• Small body and jaws fit perfectly in your hand
and into tight places
• Controls positioned for one hand operation
• Accurate low current measurements
• Backlight available on most models
• Auto shut-off
• Display hold
• Safety rating: IEC 1010-2-031, CAT III 600 V
• Three-year warranty on 330 Series
Fluke  Clamp Meter
• Precise measurements with 1.8 % basic accuracy
• Resolution up to 0.01 A and 0.1 V
• Measures ac current 40.00 A/400.0 A
• Measures ac and dc volts to 600 V
• Resistance measurement to 400 W
• Continuity for quick checking of shorts
(@ °C ± 5 °C RH
0 to 90 %)
Fluke 1
Fluke 
Fluke 
Fluke 
Fluke 5
Fluke 6
Fluke 7
AC
current
Range
to 400.0 A
40.00 A/
400.0 A
to 400.0 A
to 600.0 A
to 999.9 A
Accuracy
1.8 % + 5 counts
(50 to 60 Hz)
2 % + 5 counts
(50 to 60 Hz)
2 % + 5 counts
(10 to 100 Hz)
AC response
Averaging
True-rms
Inrush Integration time
—
—
—
100 mS
DC
current
Range
—
—
—
—
—
0 to
600.0 A
0 to
999.9 A
Accuracy
—
—
—
—
—
2 % + 3 counts
AC
volts
Range
400.0 V/600.0 V
to 600.0 V
Accuracy
1.2 % + 5 counts
(50 to 400 Hz)
1 % + 5 counts
(50/60 Hz)
1 % + 5 counts
(20 to 100 Hz)
AC response
Averaging
True-rms
DC
volts
Range
—
400.0 V/
600 V
to 600.0 V
Accuracy
—
1 % + 5 counts
Ohms
Range
to 400.0
W
to 600.0
W
600.0
W/6000 W
Accuracy
1 % + 5 counts
1.5 % + 5 counts
Continuity
< 30
W
Hz
Range
—
—
—
—
—
—
to 400 Hz
Accuracy
—
—
—
—
—
—
0.5 % + 5
counts
MIN/MAX
—
—
—
—
—
—
Yes
Backlight
—
—
—
Yes
Display hold
Yes
Size
H x W x D
7.5 in x 2.5 in x 1.4 in
9.4 in x 3.1 in x 1.6 in
9.9 in x 3.1 in x 1.6 in
Max wire dia.
1 in
1.2 in
Weight
8 oz
11 oz
Fluke 0 and 0 Series Clamp Meters offer an impressive array of innovative features with
current ranges up to 1000 A. Choose the model that matches the jobs you do.
TL
H
LVD1
TL71
SureGrip™ Electrical Test Lead Set
Clamp Meter Holster
Volt Light
Premium Test Lead Set
See page 61
See page 70
See page 64
See page 62
Fluke 337 and 322
Clamp Meters
Measure inrush motor starting current
the way a circuit breaker sees it
For more information and detailed specifications, go to www.fluke.com/clamps
Included accessories
Soft carrying case, test leads,
(2) batteries, instruction card and
safety information.
Ordering information
Fluke 321
Fluke 335
Fluke 322
Fluke 336
Fluke 333
Fluke 337
Fluke 334
Application note, literature code
2041766:
Making accurate inrush
current measurements
New high-efficiency motors require
better tools to evaluate and fix the
consequences of their high inrush
current. The Fluke 335, 336 and
337 Clamp
Meters are
designed
to capture
inrush current
accurately
and, most
importantly,
synchronously
and provide
readings that
accurately
depict what
the circuit
protector
experiences.
This application note covers
practices to help you accurately
and safely measure and interpret
inrush current measurements.
Want to read more? Download
this and other application notes at
www.fluke.com/library



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com