Electronic Components Datasheet Search
  English  ▼

X  

TP912 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TP912
Description  Test Tools Catalog Volume one, 2007
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP912 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TP912 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 8Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 9Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 10Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 11Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
8
Safety
Safety and You
Why is safety important?
Why should you care?
Between five and ten times on any given
day, arc flash explosions, sufficient to send
a victim to a special burn center, take place
in the U.S. These incidents and other less
serious electrical accidents result in injury
—sometimes death—lost work time, medical
costs and insurance claims, downtime, the
list goes on.
The cost to both the victim, the victim’s
family and the company involved, are
high. Yet many of these accidents can be
prevented. The combination of training,
good measurement technique, and the use
of proper tools can significantly reduce the
chance of an accident occurring.
What are the Standards?
To provide improved protection for users,
industry standards organizations have
taken steps to clarify the hazards present
in electrical supply environments. The
American National Standards Institute
(ANSI), the Canadian Standards Association
(CSA), and the International Electro-
Technical Commission (IEC), have created
more stringent standards for voltage test
equipment used in environments of up to 1000 volts.
ANSI, CSA and IEC define four measurement categories of over-voltage transient
impulses. The rule of thumb is that the closer the technician is working to the power
source, the greater the danger and the higher the measurement category number. Lower
category installations usually have greater impedance, which dampens transients and
helps limit the fault current that can feed an arc.
• CAT (Category) IV is associated
with the origin of installation.
This refers to power lines at
the utility connection, but also
includes any overhead and
underground outside cable runs,
since both may be affected by
lightning.
• CAT III covers distribution level
wiring. This includes 480-volt
and 600-volt circuits such as
3-phase bus and feeder circuits,
motor control centers, load
centers and distribution panels.
Permanently installed loads are
also classed as CAT III. CAT III
includes large loads that can
generate their own transients. At this level, the trend to using higher voltage levels in
modern buildings has changed the picture and increased the potential hazards.
• CAT II covers the receptacle circuit level and plug-in loads.
• CAT I refers to protected electronic circuits.
Some installed equipment may include multiple categories. A motor drive panel, for
example, may be CAT III on the 480-volt power side, and CAT I on the control side.
Independent testing labs help ensure safety compliance
You want your tools and equipment to help you work safely. But how do you know that
a tool designed to meet a safety standard will actually deliver the performance you are
paying for?
Unfortunately it’s not enough to just look on the box. The IEC (International
Electrotechnical Commission) develops and proposes standards, but it is not responsible
for enforcing the standards. Wording like “Designed to meet specification...” may not mean
a test tool actually performs up to spec. Designer’s plans are never a substitute for an
actual independent test.
TUV and VDE
(German standards
organizations) are
approval/listing
agencies
Canadian Standards
Association (CSA)
For more information, go to www.fluke.com/safety
That’s why independent testing is
so important. To be confident, check
the product for the symbol and listing
number of Underwriters Laboratories
(UL), the Canadian Standards Associa-
tion (CSA), TÜV or another recognized
testing organization. Those symbols can
only be used if the product successfully
completed testing to the agency’s
standard, which is based on national/
international standards. That is the
closest you can come to ensuring that
the test tool you choose was actually
tested for safety.
What does the CE symbol indicate?
A product is marked CE (Conformité
Européenne) to show it conforms
to health, safety, environment and
consumer protection requirements
established by the European Commis-
sion. Products from outside the Euro-
pean Union cannot be sold there unless
they comply with applicable directives.
But manufacturers are permitted to
self-certify that they have met the
standards, issue their own Declaration
of Conformity, and mark the product
“CE.” The CE mark is not, therefore, a
guarantee of independent testing.
Why are Fluke products different?
Don’t be confused by “Listed” vs.
“Designed to” in your test tools.
IEC sets the standards but does not
test or inspect for compliance. So a
manufacturer can claim to “design
to” a standard with no independent
verification. To be UL-Listed, CSA or
TUV-Certified, a manufacturer must
employ the listing agency to TEST
the product’s compliance with the
standard. Look for the listing agency’s
emblem on the meter.
Go to www.fluke.com/safety to view The
Fluke Electrical Measurement Safety Program
and order your free copy of the Fluke Safety
video. This video makes the standards easy
to understand and can be used as part of
your own internal safety program.
Underwriters
Laboratories (UL)
United States
Department of
Labor Mine Safety
and Health
Administration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com