Electronic Components Datasheet Search
  English  ▼

X  

TP912 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # TP912
Description  Test Tools Catalog Volume one, 2007
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP912 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button TP912 Datasheet HTML 37Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 38Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 39Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 40Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 41Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 42Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 43Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 44Page - List of Unclassifed Manufacturers TP912 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
1
Process Calibration Tools
Recommended accessories – 717 and 718 Calibrators
700ILF
700LTP
TL0
C5 (717 only)
700HTP
In-Line Filter
Low Pressure
SureGrip Industrial
Large Soft Case
Hydraulic Test Pump
See page 69
Test Pump
Test Lead Set
See page 70
See page 69
See page 69
See page 61
Fluke 718 Pressure Calibrators
New! 1 psi and 300 psi models in addition to the
30 and 100 psi models previously available
• Compact size, lightweight
• New built-in pressure switch test feature
• Built-in pressure/vacuum hand pump, with vernier
and bleed valve
• Pressure and vacuum measurement to 0.05 % of full
span, using an internal pressure sensor (dry air only)
• Pressure measurement to 10,000 psi/700 bar using
any of 29 Fluke 700Pxx Pressure Modules
• Measure mA with 0.015 % accuracy and 0.001 mA
resolution, while providing 24 volt loop power supply
• 1⁄8 inch NPT female pressure fitting
• Min/Max/Hold functions
Intrinsically safe 718 version available (see page 45)
Fluke 717 Pressure Calibrators
Now with 9 ranges: 1, 30, 100, 300, 500, 1000,
1500, 3000 and 5000 psi
• Measure pressure and vacuum to 0.05 % of full scale
with internal 30 or 100 psig sensor
– 1/8 NPT pressure fitting
– Compatible with non-corrosive gasses and liquids
• Measure pressure to 10,000 psi/69 mPa using one of
29 Fluke 70Pxx Pressure Modules
• Measure mA with 0.015 % accuracy and 0.001 mA
resolution, while providing 24 V loop power
• New built-in pressure switch test feature
• Min/Max/Hold functions
Fluke 718 and 717
Pressure Calibrators
Compact, professional,
pressure calibration tools
Specifications – 717 and 718 Calibrators
Fluke 700 Series
Pressure Modules
• 29 pressure modules
• 8 intrinsically safe pressure modules*
• Ranges from 1.000 in H
20
(0.2491 kPa) to 10,000 psi
(68.948 MPa)
• Gage, differential, dual (compound),
absolute, and vacuum modules
• Rugged cases protect the modules
from harsh environments
• Full-accuracy performance from
0 °C to 50 °C
• Pressure readings update twice per
second, and may be displayed in
up to 11 different units
• One-year warranty
*for use with 718Ex and 725Ex only
(see page 45 for more information)
Application note, literature code
2577485:
Pressure calibration with the
Fluke 718
New design pro-
tects on-board
pump from fluid
damage. This
application note
explains how
to drain pres-
sure lines safely
before calibra-
tion, and how to
clean the pres-
sure pump on the
new Fluke 718.
Want to read more? Download
this and other application notes
at www.fluke.com/library
For more information and detailed specifications, go to www.fluke.com/pressure
Pressure
Enabled
Included accessories
Fluke 718 and 717: Protective
yellow holster, test leads and
alligator clips, single 9 V alkaline
battery (two 9 V batteries in 718)
and instructions.
Ordering information
Fluke-718 30US Pressure Calibrator
Fluke-718 100US Pressure Calibrator
Fluke-718 1G
Pressure Calibrator
Fluke-718 300G Pressure Calibrator
Fluke-717 30G
Pressure Calibrator
Fluke-717 100G Pressure Calibrator
Fluke-717 1G
Pressure Calibrator
Fluke-717 300G Pressure Calibrator
Fluke-717 500G Pressure Calibrator
Fluke-717 1000G Pressure Calibrator
Fluke-717 1500G Pressure Calibrator
Fluke-717 3000G Pressure Calibrator
Fluke-717 5000G Pressure Calibrator
Pressure
Enabled
Fluke Process
Calibrators in
this catalog
displaying
the Pressure
Enabled symbol
display readings
from the 700
Series Pressure
Modules.
Range
Resolution
Comment
717-1
+/- 1 psi, 27.5 in H20,
(-7 - +7 kPa)
+0.0001 psi, 0.0001 kPa,
0.0001 in H20
Fluke-718 dry air only and
includes on board pump
718-1G
717-30G
-12 to + 30 psi,
(-83 to 207 kPa)
0.001 psi, 0.001 kPa, 0.001
in H20
Fluke-718 dry air only and
includes on board pump
718-30G
717-100G
-12 to + 100 psi,
(-83 to 690 kPa)
0.01 psi, 0.01 kPa, 0.01 in H20
Fluke-718 dry air only and
includes on board pump
718-100G
717-300G
-12 to +300 psi,
(-83 to +2070 kPa)
0.01 psi, 0.01 kPa, 0.01 in H20
Fluke-718 dry air only and
includes on board pump
718-300G
717-500G
0-500 psi, 0-3450 kPa
0.01 psi, 0.1 kPa
Compatible with non-corrosive
gases and fluids
717-1000G
0-1000 psi, 0-6900 kPa
0.01 psi, 0.1 kPa
Compatible with non-corrosive
gases and fluids
717-1500G
0-1500 psi, 0-10342 kPa
0.1 psi, 1 kPa
Compatible with non-corrosive
gases and fluids
717-3000G
0-3000 psi, 0-20700 kPa
0.1 psi, 1 kPa
Compatible with non-corrosive
gases and fluids
717-5000G
0-5000 psi, 0-34500 kPa
0.1 psi, 1 kPa
Compatible with non-corrosive
gases and fluids
Pressure accuracy
0.05 % of range
mA measurement
0-24 mA range
0.001 mA resolution
Accuracy: ± 0.015 % + 1 count
Loop power
24 V dc
Accuracy: ± 10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com