Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 25Page - Microsemi Corporation FG896 Datasheet HTML 26Page - Microsemi Corporation FG896 Datasheet HTML 27Page - Microsemi Corporation FG896 Datasheet HTML 28Page - Microsemi Corporation FG896 Datasheet HTML 29Page - Microsemi Corporation FG896 Datasheet HTML 30Page - Microsemi Corporation FG896 Datasheet HTML 31Page - Microsemi Corporation FG896 Datasheet HTML 32Page - Microsemi Corporation FG896 Datasheet HTML 33Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-13
Power Consumption of Various Internal Resources
Table 2-18 • Different Components Contributing to Dynamic Power Consumption in ProASIC3L Devices at
1.2 V VCC
Parameter
Definition
Device Specific Dynamic Power (µW/MHz)
A3PE3000L A3P1000L A3P600L A3P250L
PAC1
Clock contribution of a Global Rib
12.61
9.28
8.19
7.07
PAC2
Clock contribution of a Global Spine
2.66
1.59
1.19
1.01
PAC3
Clock contribution of a VersaTile row
0.56
0.52
PAC4
Clock contribution of a VersaTile used as a sequential
module
0.07
PAC5
First contribution of a VersaTile used as a sequential
module
0.05
PAC6
Second contribution of a VersaTile used as a sequential
module
0.19
PAC7
Contribution of a VersaTile used as a combinatorial
Module
0.11
PAC8
Average contribution of a routing net
0.45
PAC9
Contribution of an I/O input pin (standard-dependent)
See Table 2-12 on page 2-9. through
Table 2-14 on page 2-10.
PAC10
Contribution of an I/O output pin (standard-dependent)
See Table 2-15 on page 2-11 through
Table 2-17 on page 2-12.
PAC11
Average contribution of a RAM block during a read
operation
25.00
PAC12
Average contribution of a RAM block during a write
operation
30.00
PAC13
Dynamic contribution for PLL
1.74
Note: *For a different output load, drive strength, or slew rate, Microsemi recommends using the Microsemi power
spreadsheet calculator or SmartPower tool in Libero SoC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com