Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 64Page - Microsemi Corporation FG896 Datasheet HTML 65Page - Microsemi Corporation FG896 Datasheet HTML 66Page - Microsemi Corporation FG896 Datasheet HTML 67Page - Microsemi Corporation FG896 Datasheet HTML 68Page - Microsemi Corporation FG896 Datasheet HTML 69Page - Microsemi Corporation FG896 Datasheet HTML 70Page - Microsemi Corporation FG896 Datasheet HTML 71Page - Microsemi Corporation FG896 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-52
Revision 13
2.5 V LVCMOS
Low-Voltage CMOS for 2.5 V is an extension of the LVCMOS standard (JESD8-5) used for general-
purpose 2.5 V applications.
Table 2-65 • Minimum and Maximum DC Input and Output Levels
Applicable to Pro I/Os
2.5 V LVCMOS
VIL
VIH
VOL
VOH
IOL IOH
IOSL
IOSH
IIL
IIH
Drive Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA1
Max.
mA1
µA2 µA2
4 mA
–0.3
0.7
1.7
2.7
0.7
1.7
4
4
16
18
10
10
8 mA
–0.3
0.7
1.7
2.7
0.7
1.7
8
8
32
37
10
10
12 mA
–0.3
0.7
1.7
2.7
0.7
1.7
12
12
65
74
10
10
16 mA
–0.3
0.7
1.7
2.7
0.7
1.7
16
16
83
87
10
10
24 mA
–0.3
0.7
1.7
2.7
0.7
1.7
24
24
169
124
10
10
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 85°C junction temperature.
3. Software default selection highlighted in gray.
Table 2-66 • Minimum and Maximum DC Input and Output Levels
Applicable to Advanced I/O Banks
2.5 V LVCMOS
VIL
VIH
VOL
VOH IOL IOH
IOSL
IOSH
IIL IIH
Drive Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA1
Max.
mA1
µA2 µA2
2 mA
–0.3
0.7
1.7
2.7
0.7
1.7
2
2
16
18
10 10
4 mA
–0.3
0.7
1.7
2.7
0.7
1.7
4
4
16
18
10 10
6 mA
–0.3
0.7
1.7
2.7
0.7
1.7
6
6
32
37
10 10
8 mA
–0.3
0.7
1.7
2.7
0.7
1.7
8
8
32
37
10 10
12 mA
–0.3
0.7
1.7
2.7
0.7
1.7
12 12
65
74
10 10
16 mA
–0.3
0.7
1.7
2.7
0.7
1.7
16 16
83
87
10 10
24 mA
–0.3
0.7
1.7
2.7
0.7
1.7
24 24
169
124
10 10
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 85°C junction temperature.
3. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com