Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 83Page - Microsemi Corporation FG896 Datasheet HTML 84Page - Microsemi Corporation FG896 Datasheet HTML 85Page - Microsemi Corporation FG896 Datasheet HTML 86Page - Microsemi Corporation FG896 Datasheet HTML 87Page - Microsemi Corporation FG896 Datasheet HTML 88Page - Microsemi Corporation FG896 Datasheet HTML 89Page - Microsemi Corporation FG896 Datasheet HTML 90Page - Microsemi Corporation FG896 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-71
Table 2-103 • 1.5 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.54
8.00
0.04
1.18
0.38
8.15
7.01
3.06
2.38
10.16
9.02
ns
–1
0.46
6.80
0.03
1.00
0.33
6.93
5.96
2.60
2.02
8.64
7.68
ns
4 mA
Std.
0.54
6.91
0.04
1.18
0.38
7.04
6.21
3.37
2.94
9.05
8.22
ns
–1
0.46
5.88
0.03
1.00
0.33
5.99
5.28
2.87
2.50
7.70
7.00
ns
6 mA
Std.
0.54
6.51
0.04
1.18
0.38
6.63
6.05
3.45
3.09
8.64
8.06
ns
–1
0.46
5.54
0.03
1.00
0.33
5.64
5.15
2.93
2.63
7.35
6.86
ns
8 mA
Std.
0.54
6.41
0.04
1.18
0.38
6.53
6.11
3.56
3.64
8.54
8.12
ns
–1
0.46
5.45
0.03
1.00
0.33
5.56
5.20
3.03
3.10
7.27
6.91
ns
12 mA
Std.
0.54
6.41
0.04
1.18
0.38
6.53
6.11
3.56
3.64
8.54
8.12
ns
–1
0.46
5.45
0.03
1.00
0.33
5.56
5.20
3.03
3.10
7.27
6.91
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-104 • 1.5 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.54
3.60
0.04
1.10
0.38
3.66
3.52
2.49
1.49
5.68
5.53
ns
–1
0.46
3.06
0.03
0.93
0.33
3.12
3.00
2.12
1.27
4.83
4.71
ns
4 mA
Std.
0.54
2.81
0.04
1.10
0.38
2.87
2.64
2.90
2.55
4.88
4.65
ns
–1
0.46
2.39
0.03
0.93
0.33
2.44
2.25
2.47
2.17
4.15
3.96
ns
6 mA
Std.
0.54
2.47
0.04
1.10
0.38
2.51
2.21
3.18
3.04
4.53
4.22
ns
–1
0.46
2.10
0.03
0.93
0.33
2.14
1.88
2.70
2.59
3.85
3.59
ns
8 mA
Std.
0.54
2.40
0.04
1.10
0.38
2.45
2.13
3.24
3.17
4.46
4.14
ns
–1
0.46
2.04
0.03
0.93
0.33
2.08
1.81
2.76
2.70
3.79
3.52
ns
12 mA
Std.
0.54
2.39
0.04
1.10
0.38
2.44
2.04
3.33
3.67
4.45
4.05
ns
–1
0.46
2.04
0.03
0.93
0.33
2.08
1.73
2.83
3.12
3.79
3.45
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com