Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 86 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 86 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 82Page - Microsemi Corporation FG896 Datasheet HTML 83Page - Microsemi Corporation FG896 Datasheet HTML 84Page - Microsemi Corporation FG896 Datasheet HTML 85Page - Microsemi Corporation FG896 Datasheet HTML 86Page - Microsemi Corporation FG896 Datasheet HTML 87Page - Microsemi Corporation FG896 Datasheet HTML 88Page - Microsemi Corporation FG896 Datasheet HTML 89Page - Microsemi Corporation FG896 Datasheet HTML 90Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-70
Revision 13
Timing Characteristics
1.5 V DC Core Voltage
Table 2-101 • 1.5 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Pro I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.59
8.65 0.04 1.99 2.77
0.38
8.81 7.17 3.06 2.41
10.83
9.18
ns
–1
0.50
7.36 0.03 1.69 2.36
0.33
7.50 6.10 2.61 2.05
9.21
7.81
ns
4 mA
Std.
0.59
7.40 0.04 1.99 2.77
0.38
7.53 6.26 3.39 3.02
9.55
8.27
ns
–1
0.50
6.29 0.03 1.69 2.36
0.33
6.41 5.33 2.89 2.57
8.12
7.04
ns
6 mA
Std.
0.59
6.94 0.04 1.99 2.77
0.38
7.07 6.09 3.46 3.19
9.08
8.11
ns
–1
0.50
5.91 0.03 1.69 2.36
0.33
6.01 5.18 2.94 2.72
7.73
6.90
ns
8 mA
Std.
0.59
6.85 0.04 1.99 2.77
0.38
6.98 6.10 3.57 3.80
8.99
8.11
ns
–1
0.50
5.83 0.03 1.69 2.36
0.33
5.94 5.19 3.04 3.23
7.65
6.90
ns
12 mA
Std.
0.59
6.85 0.04 1.99 2.77
0.38
6.98 6.10 3.57 3.80
8.99
8.11
ns
–1
0.50
5.83 0.03 1.69 2.36
0.33
5.94 5.19 3.04 3.23
7.65
6.90
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-102 • 1.5 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Pro I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.59
3.55 0.04 1.99 2.77
0.38
3.62 3.22 3.05 2.51
5.63
5.23
ns
–1
0.50
3.02 0.03 1.69 2.36
0.33
3.08 2.74 2.60 2.14
4.79
4.45
ns
4 mA
Std.
0.59
3.03 0.04 1.99 2.77
0.38
3.08 2.64 3.38 3.13
5.10
4.65
ns
–1
0.50
2.58 0.03 1.69 2.36
0.33
2.62 2.25 2.87 2.66
4.34
3.96
ns
6 mA
Std.
0.59
2.93 0.04 1.99 2.77
0.38
2.98 2.53 3.45 3.30
4.99
4.54
ns
–1
0.50
2.49 0.03 1.69 2.36
0.33
2.54 2.15 2.93 2.81
4.25
3.86
ns
8 mA
Std.
0.59
2.90 0.04 1.99 2.77
0.38
2.95 2.39 3.57 3.94
4.96
4.41
ns
–1
0.50
2.46 0.03 1.69 2.36
0.33
2.51 2.04 3.03 3.35
4.22
3.75
ns
12 mA
Std.
0.59
2.90 0.04 1.99 2.77
0.38
2.95 2.39 3.57 3.94
4.96
4.41
ns
–1
0.50
2.46 0.03 1.69 2.36
0.33
2.51 2.04 3.03 3.35
4.22
3.75
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com