Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 42 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 42 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 38Page - Microsemi Corporation FG896 Datasheet HTML 39Page - Microsemi Corporation FG896 Datasheet HTML 40Page - Microsemi Corporation FG896 Datasheet HTML 41Page - Microsemi Corporation FG896 Datasheet HTML 42Page - Microsemi Corporation FG896 Datasheet HTML 43Page - Microsemi Corporation FG896 Datasheet HTML 44Page - Microsemi Corporation FG896 Datasheet HTML 45Page - Microsemi Corporation FG896 Datasheet HTML 46Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-26
Revision 13
Summary of I/O Timing Characteristics – Default I/O Software
Settings
Table 2-27 • Summary of AC Measuring Points
Standard
Input Reference Voltage
(VREF_TYP)
Board Termination
Voltage (VTT_REF)
Measuring Trip Point
(Vtrip)
3.3 V LVTTL /
3.3 V LVCMOS
–
–
1.4 V
3.3 V LVCMOS Wide Range
–
–
1.4 V
2.5 V LVCMOS
–
–
1.2 V
1.8 V LVCMOS
–
–
0.90 V
1.5 V LVCMOS
–
–
0.75 V
1.2 V LVCMOS *
–
–
0.6 V
1.2 V LVCMOS Wide Range*
–
–
0.6 V
3.3 V PCI
–
–
0.285 * VCCI (RR)
0.615 * VCCI (FF))
3.3 V PCI-X
–
–
0.285 * VCCI (RR)
0.615 * VCCI (FF)
3.3 V GTL
0.8 V
1.2 V
VREF
2.5 V GTL
0.8 V
1.2 V
VREF
3.3 V GTL+
1.0 V
1.5 V
VREF
2.5 V GTL+
1.0 V
1.5 V
VREF
HSTL (I)
0.75 V
0.75 V
VREF
HSTL (II)
0.75 V
0.75 V
VREF
SSTL2 (I)
1.25 V
1.25 V
VREF
SSTL2 (II)
1.25 V
1.25 V
VREF
SSTL3 (I)
1.5 V
1.485 V
VREF
SSTL3 (II)
1.5 V
1.485 V
VREF
LVDS
–
–
Cross point
LVPECL
–
–
Cross point
Note: *Applicable only to devices operating in the 1.2 V core range.
Table 2-28 • I/O AC Parameter Definitions
Parameter
Parameter Definition
tDP
Data to Pad delay through the Output Buffer
tPY
Pad to Data delay through the Input Buffer
tDOUT
Data to Output Buffer delay through the I/O interface
tEOUT
Enable to Output Buffer Tristate Control delay through the I/O interface
tDIN
Input Buffer to Data delay through the I/O interface
tHZ
Enable to Pad delay through the Output Buffer—High to Z
tZH
Enable to Pad delay through the Output Buffer—Z to High
tLZ
Enable to Pad delay through the Output Buffer—Low to Z
tZL
Enable to Pad delay through the Output Buffer—Z to Low
tZHS
Enable to Pad delay through the Output Buffer with delayed enable—Z to High
tZLS
Enable to Pad delay through the Output Buffer with delayed enable—Z to Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com