Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 4 Page - Microsemi Corporation

  FG896 Datasheet HTML 1Page - Microsemi Corporation FG896 Datasheet HTML 2Page - Microsemi Corporation FG896 Datasheet HTML 3Page - Microsemi Corporation FG896 Datasheet HTML 4Page - Microsemi Corporation FG896 Datasheet HTML 5Page - Microsemi Corporation FG896 Datasheet HTML 6Page - Microsemi Corporation FG896 Datasheet HTML 7Page - Microsemi Corporation FG896 Datasheet HTML 8Page - Microsemi Corporation FG896 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
IV
Revision 13
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
ProASIC3L Device Status
Contact your local Microsemi SoC Products Group representative for device availability:
http://www.microsemi.com/soc/contact/default.aspx.
Package
A3P250L
A3P600L
A3P1000L
A3PE3000L
ARM Cortex-M1 Devices
M1A3P600L
M1A3P1000L
M1A3PE3000L
VQ100
C, I
–
–
PQ208
C, IC, IC, IC, I
FG144
C, IC, IC, I
FG256
C, IC, IC, I
FG324
–
–
–
C, I
FG484
–
C, IC, IC, I
FG896
–
–
–
C, I
Notes:
1. C = Commercial temperature range: 0°C to 70°C ambient temperature.
2. I = Industrial temperature range: –40°C to 85°C ambient temperature.
Temperature Grade
Std.
–1
C 1
33
I 2
33
Notes:
1. C = Commercial temperature range: 0°C to 70°C ambient temperature.
2. I = Industrial temperature range: –40°C to 85°C ambient temperature.
ProASIC3L Devices
Status
M1 ProASIC3L Devices
Status
A3P250L
Production
A3P600L
Production
M1A3P600L
Production
A3P1000L
Production
M1A3P1000L
Production
A3P3000L
Production
M1A3P3000L
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com