Electronic Components Datasheet Search
  English  ▼

X  

RFD21733 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RFD21733
Description  Compliance Approved 2.4 GHz RF Transceiver Modules with Built-In RFDP8 Application Protocol
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFD21733 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RFD21733 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
13715 Alton Pkwy • Irvine • CA • 92618
Tel: 949.610.0008 • www.RFdigital.com
Fast Answers: support@rfdigital.com
Free Applications Support • Email your application questions to support@rfdigital.com
10
RFDP8
© Copyright, RF Digital
7/10/2011 1:40 AM
Patents Pending
RoHS CE • ESTI
RFD21733 • FCC • IC
RFD21743 • FCC
Approved & Certified
RF Module
RFD21733
RFD21735
RFD21737
RFD21738
RFD21739
RFDP8
RFDANT
RFD21742
RFD21743
RFD21772
RFD21773
KEYFOBs
RFDANT • RFD21742 • RFD21743 • Compliance Approved
Mating connectors for the 11 pin RFDANT can be found at Digikey in the USA at: http://www.digikey.com
or at any other JST distributor. They are standard connectors and you may use other manufacturers.
1)
Top Entry, Through Hole Type, 11 pos
a.
Digikey P/N 455-1666-ND
b.
Manufacturer P/N: B11B--ZR
2)
Side Entry, Through Hole Type, 11 pos
a.
Digikey P/N 455-1678-ND
b.
Manufacturer P/N: S11B--ZR
3)
Top Entry, SMT Type, 11 pos
a.
Digikey P/N 455-1690-2-ND
b.
Manufacturer P/N: B11B—ZR-SM4-TF
4)
Side Entry, SMT Type, 11 pos
a.
Digikey P/N 455-1701-2-ND
b.
Manufacturer P/N: S11B—ZR-SM4-TF
RFDANT • RFD21742 • RFD21743 • Mating Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com