Electronic Components Datasheet Search
  English  ▼

X  

RFD21733 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # RFD21733
Description  Compliance Approved 2.4 GHz RF Transceiver Modules with Built-In RFDP8 Application Protocol
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFD21733 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button RFD21733 Datasheet HTML 34Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 35Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 36Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 37Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 38Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 39Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 40Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 41Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
13715 Alton Pkwy • Irvine • CA • 92618
Tel: 949.610.0008 • www.RFdigital.com
Fast Answers: support@rfdigital.com
Free Applications Support • Email your application questions to support@rfdigital.com
38
RFDP8
© Copyright, RF Digital
7/10/2011 1:40 AM
Patents Pending
RoHS CE • ESTI
RFD21733 • FCC • IC
RFD21743 • FCC
Approved & Certified
RF Module
RFD21733
RFD21735
RFD21737
RFD21738
RFD21739
RFDP8
RFDANT
RFD21742
RFD21743
RFD21772
RFD21773
KEYFOBs
Mode 7 – Switch Receiver with Logic Output (20ms hang-time) (Network)
RFDANT
Pin #
Module
Pin #
Pin Label
Direction
Function
2
13
+V
Input
+V Power
1
10
GND
Input
Ground
5
16
Mode Select 0
Input
Tie to +V
6
17
Mode Select 1
Input
Tie to +V
7
3
Mode Select 2
Input
Tie to +V
8
4
Learn / Status
I/O
Pulse high through a 220 ohm series resistor to enter learn mode.
LED Learn Status Output. Must be pulled to ground through a 47k
resistor and must have series a resistor.
9
5
OUT1
Output
Active high switch output #1, 20 millisecond hang-time.
10
6
OUT2
Output
Active high switch output #2, 20 millisecond hang-time.
11
7
OUT3
Output
Active high switch output #3, 20 millisecond hang-time.
Fast Switch Latency
The RF Modules and RFDANTs with their patent pending RFDP8 interference tolerant protocol have fast
response times. When using a Mode 0 or 1 transmitter and a Mode 4, 5, 6 or 7 receiver, from the time the
transmitter switch input goes high, the receiver output will go high as fast as 5 milliseconds later. It might take as
long as 12mS, but most of the time it is closer to the 5mS time frame.
In Mode 4, Mode 5, Mode 6 and Mode 7, the Module or RFDANT is always in switch receiving mode.
The receiver drives its outputs to match the values received in a packet from a transmitter. This allows up to 8
possible (2
3) combinations on the receiver’s outputs.
The term Hang-Time means the period the output will stay high after it has been turned on. It will stay on for the
duration of the hang time, waiting on another packet to be received, if no other packet is received it will go low
after the hang-time period. If a packet is received within the hang-time period it will continue to stay high again for
that period of the hang-time setting (either 20mS or 500mS). If repetitive packages are received within the hang-
time window then the output which was high, will continue to stay high as long as that same input is kept high at
the transmitting radio or Serial transmitter which sent the packet.
Hang time is a trade-off between off-time-latency and resiliency to packet loss. With all RF systems sometimes a
packet will be lost, especially as the distance between the transmitter and the receiver grows. If an output is
connected to a relay driver, packet loss will result in chattering on the relay, which will not have good results. The
500ms hang time is perfect for applications like a keyless entry system or a garage door opener.
For faster switching to the “all off” state, the 20ms hang time is preferred. Since a transmitter sends new data
every 15ms, the time delay to turn off all outputs is only 5ms more than to update the outputs to a different state
where at least one of them is still driven high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com