Electronic Components Datasheet Search
  English  ▼

X  

RFD21733 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFD21733
Description  Compliance Approved 2.4 GHz RF Transceiver Modules with Built-In RFDP8 Application Protocol
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFD21733 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFD21733 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
13715 Alton Pkwy • Irvine • CA • 92618
Tel: 949.610.0008 • www.RFdigital.com
Fast Answers: support@rfdigital.com
Free Applications Support • Email your application questions to support@rfdigital.com
1
RFDP8
© Copyright, RF Digital
7/10/2011 1:40 AM
Patents Pending
RoHS CE • ESTI
RFD21733 • FCC • IC
RFD21743 • FCC
Approved & Certified
RF Module
RFD21733
RFD21735
RFD21737
RFD21738
RFD21739
RFDP8
RFDANT
RFD21742
RFD21743
RFD21772
RFD21773
KEYFOBs
Compliance Approved 2.4 GHz RF Transceiver Modules
with Built-In RFDP8 Application Protocol
rw
RFD21735
Optional Configuration
For use with any
External Antenna
RFD21733 IC & FCC APPROVED
15mm x 15mm
(0.600 x
0.600 Inch)
Complete Compliance Approved & Certified, READY-TO-USE, 2.4 GHz wireless solution with built-in RFDP8
interference-tolerant user application protocol. Includes RFID, 32 Bit ESN, Logic Switch Transmitter / Receiver,
9600-8N1 Serial UART Transceiver and many easy-to-use addressable network modes. No development required at
all, no RF layout, no code writing, all features are built-in. Be up and running with a wireless solution in minutes.
KEYFOBs & RFID
500 Foot Range
RFDANT • RFD21743 FCC APPROVED
CE • ESTI TESTED & COMPLIANT
Easy to solder 0.050 Inch SMT pads
CE • ESTI
Simple
Drill Hole
Mount
2,000 FOOT ULTRA LONG RANGE
Standard RFDP8 Interface
No Need for RF cables.
Only +3V • GND • Data.
1.5mm 11pin Connector.
Fits onto any PCB.
SMT or Through Hole.
Complete
RADIO
INSIDE
Antenna
Use any plastic or metal
enclosure.
Patents
Pending
CE • ESTI TESTED & COMPLIANT
IC • FCC APPROVED
CE • ETSI Compliant
Standard & Custom


Similar Part No. - RFD21733

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD20N03 INTERSIL-RFD20N03 Datasheet
76Kb / 8P
20A, 30V, 0.025 Ohm, N-Channel Power MOSFETs
July 1999
logo
Inchange Semiconductor ...
RFD20N03 ISC-RFD20N03 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Intersil Corporation
RFD20N03SM INTERSIL-RFD20N03SM Datasheet
76Kb / 8P
20A, 30V, 0.025 Ohm, N-Channel Power MOSFETs
July 1999
logo
VBsemi Electronics Co.,...
RFD20N03SM VBSEMI-RFD20N03SM Datasheet
1,015Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD20N03SM ISC-RFD20N03SM Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - RFD21733

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
2.4-GHz RF transceiver incorporating
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1608060ABT WALSIN-RFBPB1608060ABT Datasheet
603Kb / 7P
2.4 GHz ISM Band RF Application
RFBPB2012060ABT WALSIN-RFBPB2012060ABT Datasheet
574Kb / 7P
2.4 GHz ISM Band RF Application
RFBPF2012080AF8Q1C WALSIN-RFBPF2012080AF8Q1C Datasheet
567Kb / 7P
2.4 GHz ISM Band RF Application
RFDIP1608060LST WALSIN-RFDIP1608060LST Datasheet
598Kb / 7P
2.4 GHz & 5 GHz Band RF Application
RFLPF1005040A27B1U WALSIN-RFLPF1005040A27B1U Datasheet
539Kb / 7P
2.4 GHz ISM Band RF Application
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
2.4 GHz ISM RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com