Electronic Components Datasheet Search
  English  ▼

X  

RFD21733 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RFD21733
Description  Compliance Approved 2.4 GHz RF Transceiver Modules with Built-In RFDP8 Application Protocol
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFD21733 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RFD21733 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
13715 Alton Pkwy • Irvine • CA • 92618
Tel: 949.610.0008 • www.RFdigital.com
Fast Answers: support@rfdigital.com
Free Applications Support • Email your application questions to support@rfdigital.com
2
RFDP8
© Copyright, RF Digital
7/10/2011 1:40 AM
Patents Pending
RoHS CE • ESTI
RFD21733 • FCC • IC
RFD21743 • FCC
Approved & Certified
RF Module
RFD21733
RFD21735
RFD21737
RFD21738
RFD21739
RFDP8
RFDANT
RFD21742
RFD21743
RFD21772
RFD21773
KEYFOBs
The RFD21733 Module with its RFID interval factory set to 30 seconds is inside of a KEYFOB
enclosure with a CR2032 battery. The reference layout for this device is available through
support@rfdigital.com if you want to build it yourself. However if you wish to purchase the
ready-made KEYFOBs from RF Digital they are available, part numbers shown below.
There are two modes of use, one is in Active RFID mode were the KEYFOB automatically
transmits its ESN once every 30 seconds. The other mode of use is SWITCH transmitter, which
is available in 1, 2 or 3 buttons. The RFID versions also have 1, 2 or 3 buttons so they serve as
an automatic RFID transmitter and in addition have the switch buttons in one KEYFOB.
If you do not need the automatic Active RFID feature, just use the Switch Button KEYFOBs.
KEYFOBs
Pressing button 1, 2 or 3 will cause the output 1, 2
or 3 on the RFD21733 Module or RFD21743 /
RFD21732 RFDANT to go high for the duration the
button is pressed, when in one of the 4 switch
modes. If in Serial UART mode, then you will
receive 1 byte representing which button is
pressed or if RFID transmission and 4 more bytes
indicating the 32 bit unique ESN of the KEYFOB.
Rotatable Buttons
RFD21783
3 Button RFID Keyfob
3 Button Switch Keyfob
RFD21793
Pressing button 1 or 3 will cause the output 1 or 3
on the RFD21733 Module or RFD21743 / RFD21732
RFDANT to go high for the duration the button is
pressed, when in one of the 4 switch modes. If in
Serial UART mode, then you will receive 1 byte
representing which button is pressed or if RFID
transmission and 4 more bytes indicating the 32
bit unique ESN of the KEYFOB.
Rotatable Buttons
RFD21782
2 Button RFID Keyfob
2 Button Switch Keyfob
RFD21792
Pressing button 2 will cause the output 2 on the
RFD21733 Module or RFD21743 / RFD21732
RFDANT to go high for the duration the button is
pressed, when in one of the 4 switch modes. If in
Serial UART mode, then you will receive 1 byte
representing which button is pressed or if RFID
transmission and 4 more bytes indicating the 32
bit unique ESN of the KEYFOB.
RFD21781
1 Button RFID Keyfob
1 Button Switch Keyfob
RFD21791



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com