Electronic Components Datasheet Search
  English  ▼

X  

RFD21733 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # RFD21733
Description  Compliance Approved 2.4 GHz RF Transceiver Modules with Built-In RFDP8 Application Protocol
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFD21733 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button RFD21733 Datasheet HTML 28Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 29Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 30Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 31Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 32Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 33Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 34Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 35Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
13715 Alton Pkwy • Irvine • CA • 92618
Tel: 949.610.0008 • www.RFdigital.com
Fast Answers: support@rfdigital.com
Free Applications Support • Email your application questions to support@rfdigital.com
32
RFDP8
© Copyright, RF Digital
7/10/2011 1:40 AM
Patents Pending
RoHS CE • ESTI
RFD21733 • FCC • IC
RFD21743 • FCC
Approved & Certified
RF Module
RFD21733
RFD21735
RFD21737
RFD21738
RFD21739
RFDP8
RFDANT
RFD21742
RFD21743
RFD21772
RFD21773
KEYFOBs
Mode 1 – Input Logic Transmitter
RFDANT
Pin #
Module
Pin #
Pin Label
Direction Function
2
13
+V
Input
+V Power
1
10
GND
Input
Ground
5
16
Mode Select 0
Input
Tie to +V
6
17
Mode Select 1
Input
Tie to GND
7
3
Mode Select 2
Input
Tie to GND
8
4
TX LED
Output
Toggles high during transmission (1 blink every 15 milliseconds)
9
5
IN1
Input
Active high switch input #1 (optional) if not used, pull to GND.
10
6
IN2
Input
Active high switch input #2 (optional) if not used, pull to GND.
11
7
IN3
Input
Active high switch input #3 (optional) if not used, pull to GND.
When all three switch inputs are low, the module does not transmit, but remains in an ultra-low-power state
consuming only 2uA.
When any of the three switch inputs go high, the module transmits the state of all three inputs. As long as any of
the three inputs remain high, the module continues to transmit the state of all three inputs every 15ms, while
transmitting it will draw about 15mA.
You can also tie any of the three inputs to +V and then connect a switch between +V of the module and your
supply, then once you apply +V to the module it will instantly transmit as fast as possible. This method can be
used to consume zero current when not in use such as in the case of garage door openers or keyfobs and can be
used for many years without consuming any current at all.
The Reset Pin has a 3.3k Pull Up, internal to the Module and RFDANT.
The Factory Pin has a 3.3k Pull Down, internal to the Module and RFDANT.
There are no internal pull ups or pull downs on any other pins except for “Mode Select 0”, which has an internal
13k pull down temporarily applied when the device comes out of reset or after power up for about less then a
millisecond. All other pull downs or pull ups must be applied by you, externally to the Module or RFDANT. If you
are using the RFD Eval Boards (RFD21737, RFD21738, RFD21739, RFD21772, RFD21773) there are 47k pull
downs on these Eval Boards, see the Eval Board Schematic for reference on Pull Downs and which Pins they on.
Always send screen captures of your schematics and layouts to support@rfdigital.com for review.
Mode 2 – 9600 baud UART – Serial Transceiver
RFDANT
Pin #
Module
Pin #
Pin Label
Direction Function
2
13
+V
Input
+V Power
1
10
GND
Input
Ground
5
16
Mode Select 0
Input
Tie to GND
6
17
Mode Select 1
Input
Tie to +V
7
3
Mode Select 2
Input
Tie to GND
8
4
Not Used
Output
Do not connect, not used. Must be left open.
9
5
Logic IO
I/O
Bidirectional switch logic I/O, if not used then must be pulled to
ground through a 47k resistor.
Also, must have series a
resistor.
10
6
RXD
Output
RX Data Out, UART output of received data. 9600-8N1
11
7
TXD
Input
TX Data In, UART input of data to transmit. 9600-8N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com