Electronic Components Datasheet Search
  English  ▼

X  

RFD21733 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # RFD21733
Description  Compliance Approved 2.4 GHz RF Transceiver Modules with Built-In RFDP8 Application Protocol
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFD21733 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button RFD21733 Datasheet HTML 65Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 66Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 67Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 68Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 69Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 70Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 71Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 72Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
13715 Alton Pkwy • Irvine • CA • 92618
Tel: 949.610.0008 • www.RFdigital.com
Fast Answers: support@rfdigital.com
Free Applications Support • Email your application questions to support@rfdigital.com
69
RFDP8
© Copyright, RF Digital
7/10/2011 1:40 AM
Patents Pending
RoHS CE • ESTI
RFD21733 • FCC • IC
RFD21743 • FCC
Approved & Certified
RF Module
RFD21733
RFD21735
RFD21737
RFD21738
RFD21739
RFDP8
RFDANT
RFD21742
RFD21743
RFD21772
RFD21773
KEYFOBs
The gray area shows where to keep free from copper and components. The one-inch length copper
area is optional, however does improve the range if you can add it. Parts can be placed all over the
rest of the board, however if possible keep about a half-inch distance from the one inch length
ground area to the right of the module, again, only if possible. Solid blue areas are solder side
ground plane which can be used for user electronics as well as the module. These are all optional
configurations and only for reference. The space in the ground plane helps provide some RF
discontinuity for the module to have he best antenna pattern possible in this configuration, the
optimal space to have is greater then 1.2 inches, but some space is better then no space.
RFD21731, RFD21732, RFD21733 - Layout Examples 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com