Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA192IDBVT Datasheet HTML 1Page - Texas Instruments OPA192IDBVT Datasheet HTML 2Page - Texas Instruments OPA192IDBVT Datasheet HTML 3Page - Texas Instruments OPA192IDBVT Datasheet HTML 4Page - Texas Instruments OPA192IDBVT Datasheet HTML 5Page - Texas Instruments OPA192IDBVT Datasheet HTML 6Page - Texas Instruments OPA192IDBVT Datasheet HTML 7Page - Texas Instruments OPA192IDBVT Datasheet HTML 8Page - Texas Instruments OPA192IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
OPA192
OPA2192
OPA4192
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage
±20 (+40, single supply)
V
Common-mode
(V–) – 0.5 to (V+) + 0.5
V
Voltage
Signal input
Differential
(V+) - (V-) + 0.2
V
terminals
Current
±10
mA
Output short circuit(2)
Continuous
Operating temperature
–55 to +150
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Electrostatic
Human body model (HBM)
4
kV
discharge (ESD)
Charged device model (CDM)
1
kV
ratings
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Short-circuit to ground, one amplifier per package.
ELECTRICAL CHARACTERISTICS: VS= ±4 V to ±18 V (VS= +8 V to +36 V)
At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
OPA192
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
±5
±25
µV
VOS
Input offset voltage
TA = –40°C to +125°C
±75
µV
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
(V–) – 0.1 V < VCM < (V+) – 3 V
±0.2
±0.5
µV/°C
Power-supply rejection
PSRR
TA = –40°C to +125°C
±0.3
±1.0
µV/V
ratio
INPUT BIAS CURRENT
±5
±20
pA
IB
Input bias current
TA = –40°C to +125°C
±5
nA
±2
±20
pA
IOS
Input offset current
TA = –40°C to +125°C
±2
nA
NOISE
(V–) – 0.1 V < VCM < (V+) – 3V
f = 0.1 Hz to 10 Hz
1.30
µVPP
En
Input voltage noise
(V+) – 1.5 V < VCM < (V+) + 0.1
f = 0.1 Hz to 10 Hz
4
µVPP
V
f = 100 Hz
10.5
nV/
√Hz
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 1 kHz
5.5
nV/
√Hz
Input voltage noise
en
density
f = 100 Hz
32
nV/
√Hz
(V+) – 1.5 V < VCM < (V+) + 0.1
V
f = 1 kHz
12.5
nV/
√Hz
Input current noise
in
f = 1kHz
1.5
fA/
√Hz
density
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com