Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA192IDBVT Datasheet HTML 1Page - Texas Instruments OPA192IDBVT Datasheet HTML 2Page - Texas Instruments OPA192IDBVT Datasheet HTML 3Page - Texas Instruments OPA192IDBVT Datasheet HTML 4Page - Texas Instruments OPA192IDBVT Datasheet HTML 5Page - Texas Instruments OPA192IDBVT Datasheet HTML 6Page - Texas Instruments OPA192IDBVT Datasheet HTML 7Page - Texas Instruments OPA192IDBVT Datasheet HTML 8Page - Texas Instruments OPA192IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
OPA192
OPA2192
OPA4192
www.ti.com
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS: VS= ±4 V to ±18 V (VS= +8 V to +36 V) (continued)
At TA = +25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
OPA192
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
Common-mode voltage
(V+) +
VCM
(V–) – 0.1
V
range
0.1
(V–) – 0.1 V < VCM < (V+) – 3 V
120
140
dB
(V+) – 3 V < VCM < (V+) - 1.5 V
See Typical Characteristics
(V+) – 1.5 V < VCM < (V+) + 0.1
Common-mode
100
120
dB
CMRR
V
rejection ratio
(V–) – 0.1 V < VCM < (V+) – 3 V
114
126
dB
TA = –40°C to +125°C
(V+) – 1.5 V < VCM < (V+) + 0.1
86
100
dB
V
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
M
Ω || pF
ZIC
Common-mode
1 || 6.4
1013
Ω || pF
OPEN-LOOP GAIN
(V–) + 0.6 V < VO < (V+) – 0.6 V
RLOAD = 2 kΩ
120
134
dB
(V–) + 0.6 V < VO < (V+) – 0.6 V
RLOAD = 2 kΩ
114
126
dB
TA = –40°C to +125°C
AOL
Open-loop voltage gain
(V–) + 0.3 V < VO < (V+) – 0.3 V
RLOAD = 10 kΩ
126
140
dB
(V–) + 0.3 V < VO < (V+) – 0.3 V
RLOAD = 10 kΩ
120
134
dB
TA = –40°C to +125°C
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
10
MHz
SR
Slew rate
G = 1, 10-V step
20
V/µs
VS = ±18 V, G = 1, 10-V step
1.4
µs
To 0.01%
VS = ±18 V, G = 1, 5-V step
0.9
µs
ts
Settling time
VS = ±18 V, G = 1, 10-V step
2.1
µs
To 0.001%
VS = ±18 V, G = 1, 5-V step
1.8
µs
tOR
Overload recovery time
VIN × G = VS
200
ns
Total harmonic
THD+N
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.00008
%
distortion + noise
OUTPUT
No load
5
10
mV
Positive rail
RLOAD = 10 kΩ
95
110
mV
RLOAD = 2 kΩ
430
500
mV
Voltage output swing
VO
from rail
No load
5
10
mV
Negative rail
RLOAD = 10 kΩ
95
110
mV
RLOAD = 2 kΩ
430
500
mV
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
Open-loop output
ZO
f = 1 MHz, IO = 0 A, See Figure 23
375
Ω
impedance
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com