Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 18Page - Texas Instruments OPA192IDBVT Datasheet HTML 19Page - Texas Instruments OPA192IDBVT Datasheet HTML 20Page - Texas Instruments OPA192IDBVT Datasheet HTML 21Page - Texas Instruments OPA192IDBVT Datasheet HTML 22Page - Texas Instruments OPA192IDBVT Datasheet HTML 23Page - Texas Instruments OPA192IDBVT Datasheet HTML 24Page - Texas Instruments OPA192IDBVT Datasheet HTML 25Page - Texas Instruments OPA192IDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Cload
+
±
Vin
Vout
+Vs
Riso
-Vs
OPA192
OPA2192
OPA4192
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
For additional drive capability in unity-gain configurations, capacitive load drive can be improved by inserting a
small (10
Ω to 20 Ω) resistor, RISO, in series with the output, as shown in Figure 52. This resistor significantly
reduces ringing while maintaining dc performance for purely capacitive loads. However, if there is a resistive load
in parallel with the capacitive load, a voltage divider is created, introducing a gain error at the output and slightly
reducing the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible at
low output levels. A high capacitive load drive makes the OPA192 well suited for applications such as reference
buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 52 uses an isolation resistor
(RISO) to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for increased phase
margin, and results using the OPA192 are summarized in Table 3. For additional information on techniques to
optimize and design using this circuit, TI Precision Design TIDU032 details complete design goals, simulation,
and test results.
Figure 52. Extending Capacitive Load Drive with the OPA192
Table 3. OPA192 Capacitive Load Drive Solution Using Isolation Resistor Comparison of Calculated and
Measured Results
Capacitive Load
100 pF
1000 pF
0.01 µF
0.1 µF
1 µF
Phase Margin
45°
60°
45°
60°
45°
60°
45°
60°
45°
60°
RISO (Ω)
47.0
360.0
24.0
100.0
20.0
51.0
6.2
15.8
2.0
4.7
Measured
23.2 8.6
10.4
22.5
9.0
22.1
8.7
23.1
8.6
21.0
8.6
Overshoot (%)
Calculated PM
45.1°
58.1°
45.8°
59.7°
46.1°
60.1°
45.2°
60.2°
47.2°
60.2°
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test
results, refer to TI Precision Design TIDU032 - Capacitive Load Drive Solution using an Isolation Resistor
22
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com