Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 8Page - Texas Instruments OPA192IDBVT Datasheet HTML 9Page - Texas Instruments OPA192IDBVT Datasheet HTML 10Page - Texas Instruments OPA192IDBVT Datasheet HTML 11Page - Texas Instruments OPA192IDBVT Datasheet HTML 12Page - Texas Instruments OPA192IDBVT Datasheet HTML 13Page - Texas Instruments OPA192IDBVT Datasheet HTML 14Page - Texas Instruments OPA192IDBVT Datasheet HTML 15Page - Texas Instruments OPA192IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Time (100 ns/div)
C015
CL
RL
±
+
VIN
+ 18 V
± 18 V
OPA192
+
±
G = +1
C
L = 10 pF
Time (120 ns/div)
C006
RL
NŸ
C
L = 10 pF
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
G = -1
RI NŸ
RF NŸ
Time (200 ns/div)
C009
VOUT
VIN
±
+
RF = 10 kO
RI = 1 kO
VOUT
VIN
+ 18 V
± 18 V
OPA192
+
±
G = -10
RI NŸ
RF NŸ
Time (200 ns/div)
C010
VOUT
VIN
±
+
RF = 10 kO
RI = 1 kO
VOUT
VIN
+ 18 V
± 18 V
OPA192
+
±
G = -10
RI NŸ
RF NŸ
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
CL
RL
±
+
VIN
+ 18 V
± 18 V
OPA192
+
±
RISO
G = +1
Time (200 s/div)
C011
V
IN
V
OUT
37 VPP
Sine Wave
(±18.5V)
±
+
VOUT
+ 18 V
± 18 V
OPA192
+
±
OPA192
OPA2192
OPA4192
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 25. SMALL-SIGNAL OVERSHOOT vs CAPACITIVE
Figure 26. NO PHASE REVERSAL
LOAD (100-mV Output Step)
Figure 27. POSITIVE OVERLOAD RECOVERY
Figure 28. NEGATIVE OVERLOAD RECOVERY
Figure 29. SMALL-SIGNAL STEP RESPONSE (100 mV)
Figure 30. SMALL-SIGNAL STEP RESPONSE (100 mV)
12
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com