Electronic Components Datasheet Search
  English  ▼

X  

OPA192IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA192IDBVT Datasheet HTML 7Page - Texas Instruments OPA192IDBVT Datasheet HTML 8Page - Texas Instruments OPA192IDBVT Datasheet HTML 9Page - Texas Instruments OPA192IDBVT Datasheet HTML 10Page - Texas Instruments OPA192IDBVT Datasheet HTML 11Page - Texas Instruments OPA192IDBVT Datasheet HTML 12Page - Texas Instruments OPA192IDBVT Datasheet HTML 13Page - Texas Instruments OPA192IDBVT Datasheet HTML 14Page - Texas Instruments OPA192IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
10
100
1k
10k
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C016
0
5
10
15
20
25
30
35
40
45
50
10p
100p
1n
Capacitive Load (F)
0
25
50
±
+
RI = 1 kO
VIN
+ 18 V
± 18 V
CL
OPA192
+
±
RF = 1 kO
RISO
G = -1
C013
R
ISO = 0
R
ISO = 25
R
ISO = 50
RI NŸ
RF NŸ
0.8
0.9
1
1.1
1.2
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
s = ±18V
V
s = ±2.25V
±3.0
±2.0
±1.0
0.0
1.0
2.0
3.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
s = 4.5V
V
s = 36V
R
L = 10kŸ
0.8
0.9
1.0
1.1
1.2
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
C001
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Amplitude (VRMS)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
C008
f = 1 kHz
BW = 80 kHz
OPA192
OPA2192
OPA4192
www.ti.com
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 19. THD+N vs OUTPUT AMPLITUDE
Figure 20. QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 21. QUIESCENT CURRENT vs TEMPERATURE
Figure 22. OPEN-LOOP GAIN vs TEMPERATURE
Figure 23. OPEN-LOOP OUTPUT IMPEDANCE vs
Figure 24. SMALL-SIGNAL OVERSHOOT vs CAPACITIVE
FREQUENCY
LOAD (100-mV Output Step)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com